PART |
Description |
Maker |
SP6642 SP6642EU SP6642UEB SP6643 SP6643EU |
Single Alkaline Cell High Efficiency Step-Up DC-DC Converter Application Note:High Current Output Single Alkaline Cell, High Efficiency Step-Up DC-DC Converter
|
SIPEX[Sipex Corporation]
|
AFL5003.3SX/CH AFL5003.3SW/ES AFL5003.3SY/CH AFL50 |
Single Cell to 3.3V Regulated Charge Pump DC/DC Converter High Efficiency Inductorless Step-Down DC/DC Converter; Package: SO; No of Pins: 8; Temperature Range: -40°C to 85°C Analog IC 模拟IC Single Cell to 3.3V Regulated Charge Pump DC/DC Converter 模拟IC
|
DB Lectro, Inc. Air Cost Control Amphenol, Corp.
|
MC34673AEPR2 MC34673 MC34673AEP |
High Input Voltage 1.2A Charger for Single-cell Li-Ion Batteries
|
Freescale Semiconductor, Inc
|
AP9234LA-AO-HSB-7 |
HIGH ACCURACY SINGLE CHIP SOLUTION FOR 1-CELL Li plus BATTERY PACK
|
Diodes Incorporated
|
EC49020XSMHR EC49020XSMHT EC49020BSMHR EC49020BSMH |
High Efficiency 2A 1.5MHz Single Cell Li-ion Battery Switching Charger
|
E-CMOS Corporation
|
MC34674 MC34674A MC34674B MC34674C MC34674D |
High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
|
Freescale Semiconductor, Inc
|
MC34671AEP_R2 MC34671 |
High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
|
Freescale Semiconductor, Inc
|
ADP3333 ADP3333ARM-15 ADP3333ARM-18 ADP3333ARM-25 |
0.3-16V; high accuracy ultralow Iq, 300mA, anyCAP low dropout regulator. For cellular phones, PCMCIA cards, personal digital assistants (PDAs), DSP/ASIC supplies High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator Li-Ion and Li-Pol Battery Gas Gauge IC for Portable Applications (bqJUNIOR) 10-VSON -20 to 70 Single-Cell Li-Ion and Li-Pol Battery Gas Gauge IC with I2C Interface 10-VSON -20 to 70 Li-Ion AND Li-Pol Battery Gas Gauge IC for Portable Applications (bqJUNIOR) 10-VSON 3 V FIXED POSITIVE LDO REGULATOR, 0.23 V DROPOUT, PDSO8 Single-Cell Li-Ion and Li-Pol Battery Gas Gauge IC with I<sup>2</sup>C Interface 10-VSON -20 to 70 高精度超低智商,300毫安,anyCAP低压差稳压器 Single-Cell Li-Ion and Li-Pol Battery Gas Gauge IC 10-VSON -20 to 70 高精度超低智商,300毫安,anyCAP低压差稳压器 High Accuracy Ultralow IQ, 300 mA, anyCAPLow Dropout Regulator
|
http:// AD[Analog Devices] Analog Devices, Inc.
|
B49410B2605Q000 |
Single cell 600 F/ 2.5 V
|
EPCOS[EPCOS]
|
B49410B2186Q000 |
Single cell 1800 F/ 2.5 V
|
EPCOS[EPCOS]
|