PART |
Description |
Maker |
FDC638APZ |
-20V P-Channel 2.5V PowerTrenchSpecified MOSFET P-Channel 2.5V PowerTrench Specified MOSFET -20V, -4.5A, 43mohm
|
FAIRCHILD[Fairchild Semiconductor]
|
PT7A7515 PT7A7513 PT7A7535 PT7A7531 |
MOSFET; Drain Source Voltage, Vds:20V; Continuous Drain Current, Id:67A; On-Resistance, Rds(on):7.9mohm; Rds(on) Test Voltage, Vgs:10V; Leaded Process Compatible:No; Package/Case:D2PAK; Peak Reflow Compatible (260 C):No RoHS Compliant: No 3.08V Reset Active Low Supervisor 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
|
ZXMN2B14FHTA ZXMN2B14FH |
20V N-CHANNEL ENHANCEMENT MODE MOSFET WITH LOW GATE DRIVE CAPABILITY 20V SOT23 N-channel enhancement mode MOSFET
|
Diodes Incorporated
|
STC5NF20V |
N-CHANNEL 20V - 0.030ohm - 5A TSSOP8 2.7V-DRIVE STripFET?II POWER MOSFET N-CHANNEL 20V - 0.030 OHM - 5A TSSOP8 2.7V-DRIVE STRIPFET II POWER MOSFET N-CHANNEL 20V - 0.030ohm - 5A TSSOP8 2.7V-DRIVE STripFET II POWER MOSFET N-CHANNEL 20V - 0.030ohm - 5A TSSOP8 2.7V-DRIVE STripFET⑩ II POWER MOSFET N-CHANNEL 20V - 0.030ohm - 5A TSSOP8 2.7V-DRIVE STripFETII POWER MOSFET
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
STS4DPFS2LS |
P-CHANNEL 20V - 0.06ohm - 4A SO-8 STripFET MOSFET PLUS SCHOTTKY RECTIFIER P-CHANNEL 20V - 0.06ohm - 4A SO-8 STripFETMOSFET PLUS SCHOTTKY RECTIFIER P-CHANNEL 20V - 0.06ohm - 4A SO-8 STripFET⑩ MOSFET PLUS SCHOTTKY RECTIFIER P-CHANNEL 20V 0.06 OHM 4A SO-8 STRIPFET MOSFET PLUS SCHOTTKY RECTIFIER
|
意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
IRF7106 IRF7106TR |
20V Dual N- and P- Channel HEXFET Power MOSFET in a SO-8 package Power MOSFET(Vdss= -20V)
|
IRF[International Rectifier]
|
PSX96B-133MQ160 PSX160-80PQ240 PSX160-66PQ240 PSX1 |
-55V Single P-Channel HEXFET Power MOSFET in a I-Pak package; A IRFU9024NCPBF with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a TO-220 Full-Pak package; Similar to IRLIB9343 with Lead Free Packaging User Programmable Special Function ASIC -150V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF6217 with Standard Packaging -30V P-Channel HEXFET Power MOSFET in a LeadFree SO-8 -package; A IRF7416QPBF with Standard Packaging -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package; A IRF7425 with Standard Packaging -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7425 with Lead-Free Packaging. -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR9343 with Standard Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR9024N with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR5505 with Lead Free Packaging -55V Single P-Channel HEXFET Power MOSFET in a D-Pak package; Similar to IRFR5305 with Lead Free Packaging 用户可编程ASIC的特殊功 -20V Single P-Channel HEXFET Power MOSFET in a 4-Lead FlipFET package; A IRF6100 with Standard Packaging 用户可编程ASIC的特殊功 -20V Single P-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7207 with Lead Free Packaging 用户可编程ASIC的特殊功 -55V Single P-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF4905S with Standard Packaging 用户可编程ASIC的特殊功
|
ITT, Corp. Ironwood Electronics
|
STS5DNF20 STS5DNF20V 7608 |
N-CHANNEL 20V - 0.030 OHM - 5A SO-8 2.7V-DRIVE STRIPFET II POWER MOSFET N-CHANNEL 20V - 0.030 ohm - 5A SO-8 2.7V-DRIVE STripFET II POWER MOSFET N-CHANNEL 20V - 0.030 ohm - 5A SO-8 2.7V-DRIVE STripFET⑩ II POWER MOSFET N-CHANNEL 20V - 0.030 ohm - 5A SO-8 2.7V-DRIVE STripFET??II POWER MOSFET From old datasheet system N-CHANNEL POWER MOSFET
|
STMICROELECTRONICS [STMicroelectronics] ST Microelectronics
|
FDZ1905PZ |
Common Drain P-Channel 1.5V PowerTrench? WL-CSP MOSFET -20V -3A, 123mΩ Common Drain P-Channel 1.5V PowerTrench㈢ WL-CSP MOSFET -20V -3A, 123mヘ
|
Fairchild Semiconductor
|
IRF3711ZL IRF3711ZS IRF3711Z |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
International Rectifier
|
STT358512 |
3.5A, 20V, RDS(ON) 75m -2.5A, -20V, RDS(ON) 160m N And P-Channel Enhancement Mode Power MOSFET
|
SeCoS Halbleitertechnologie GmbH
|