PART |
Description |
Maker |
1728307 |
PC terminal block, Nominal current: 10 A, Nom. voltage: 160 V, Pitch: 3.81 mm, Number of positions: 4, Type of connection: Screw connection, Assembly: Soldering, Conductor/PCB connection
|
PHOENIX CONTACT
|
0421032 |
Power terminal block, Connection method Screw connection, Load current
|
PHOENIX CONTACT
|
0441119 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
0441517 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
0393360000 |
PCB terminal, TOP connection, Soldered connection, Clamping range, max.: 2.5 mm2, Pitch: 7.62 mm, No. of poles: 2, 90°, Box
|
Weidmuller
|
1FHAX720-737G FHAX937-737G 2FJA168-736G FGA596-720 |
720 POS 1MM BGA SMT ADAPTER BGA720, IC SOCKET 937 POS 1MM BGA SMT ADAPTER BGA937, IC SOCKET 168 POS 0.80MM PITCH BGA SMT ADAPTER BGA168, IC SOCKET 596 POS 1.27MM BGA SMT ADAPTER BGA596, IC SOCKET 1020 POS 1MM BGA SMT ADAPTER BGA1020, IC SOCKET 860 POS 1MM BGA SMT ADAPTER BGA860, IC SOCKET 225 POS 1MM BGA SMT ADAPTER BGA225, IC SOCKET 388 POS 1MM BGA SMT ADAPTER BGA388, IC SOCKET 480 POS 1.27MM BGA SMT ADAPTER BGA480, IC SOCKET 324 POS 1MM BGA SMT ADAPTER BGA324, IC SOCKET 560 POS 1MM BGA SMT ADAPTER BGA560, IC SOCKET BGA1036, IC SOCKET 256 POS 1.27MM BGA SMT ADAPTER BGA320, IC SOCKET BGA328, IC SOCKET BGA132, IC SOCKET BGA241, IC SOCKET BGA255, IC SOCKET BGA208, IC SOCKET BGA272, IC SOCKET BGA233, IC SOCKET 384 POS 1MM BGA SMT ADAPTER 225 POS 1.27MM BGA EXTRACTION ADAPTER BGA696, IC SOCKET BGA957, IC SOCKET BGA824, IC SOCKET BGA644, IC SOCKET BGA352, IC SOCKET BGA784, IC SOCKET BGA788, IC SOCKET BGA416, IC SOCKET
|
Advanced Interconnections, Corp. ADVANCED INTERCONNECTIONS CORP
|
0708580 |
Molded feed-through terminal block, with internal and external screw connection, vertical conductor connection, for 2.5-6 mm thick housing panels - HDFKV 50-VP
|
Phoenix Contact
|
ADC6SADANMMRJ05 ADC-ADC6SADUMRCAY09 ADC6SADUMBNC02 |
FIBER OPTIC ADAPTER RF STRAIGHT ADAPTER CIRCULAR ADAPTER
|
ADC
|
0404017 |
Power terminal block, Connection method Screw connection, Load current : 41 A, Cross section: 0.5 mm2 - 6 mm2, Width: 7 mm,
|
PHOENIX CONTACT
|
SKKT19_12E SKKT19_14E SKKT19_16E SKKT19_06D SKKT19 |
THYRISTOR MODULES HDMI (M) TO DVI (F) 24 PIN SWIVEL ADAPTER DB9/RJ12 FEMALE MODULAR ADAPTE HDMI MALE- DVI FEMALE ADAPTER Inter Series Connector Adapter
|
SEMIKRON[Semikron International] ETC
|
MOC8113 MOC8111 MOC8111_04 MOC8112 MOC8111300 MOC8 |
6-Pin DIP Phototransistor Output Optocoupler- No Base Connection 6-PIN DIP OPTOCOUPLERS FOR POWER SUPPLY APPLICATIONS (NO BASE CONNECTION)
|
FAIRCHILD[Fairchild Semiconductor]
|
|