PART |
Description |
Maker |
C4600 |
OCXO Standard Package Low Aging AT-Cut and SC-Cut Crystal Options Fast Warm-up
|
VECTRON[Vectron International, Inc]
|
PM8379 |
20-Port 4.25 Gbit/s FC-AL Cut-Through Switch
|
PMC-Sierra, Inc
|
VDS-0202 |
Low-Latency for Video/Voice/Data applications
|
Level One
|
100352PC 100352QC 100352 100352QI |
Low Power 8-Bit Buffer with Cut-Off Drivers
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
100316QI |
Low Power Quad Differential Line Driver with Cut-Off
|
Fairchild Semiconductor
|
WJ1142CS59VDC5.0 WJ114 WJ1141AS1012VDC3.5 WJ1141AS |
SUPER MK RELAY MSM19 RI SF 5 A @125VAC BL 开关容6A条,体积小,适用于高密度安装,PC板安装,通过UL / cUL认证 MS3108A24-10S 开关容6A条,体积小,适用于高密度安装,PC板安装,通过UL / cUL认证 Vandal Resistant Pushbutton Switch; Actuator Diameter:15.8mm; Circuitry:SPST-NO SPST-NC; Switch Operation:(On); Contact Current Max:0.1A 开关容6A条,体积小,适用于高密度安装,PC板安装,通过UL / cUL认证 Panel Kit; Contents Of Kit:Top panel; For Use With:R-120 Protective equipment case 开关容6A条,体积小,适用于高密度安装,PC板安装,通过UL / cUL认证 Switching capacity 16A, Small size suitable for high density mounting, PC board mounting, UL/CUL certified 开关容6A条,体积小,适用于高密度安装,PC板安装,通过UL / cUL认证 AB 9C 6#16 3#12 SKT PLUG AUTO ADC 32K FLASH MSM22 PI SF 5A@030VDC BL SWITCH 250 V,GN PT ILL, 19 MM ; Switch function type: PUSH-BUTTON; Voltage, contact AC max:250V; Voltage, contact DC max:250V; Temp, op. max:85(degree C); Temp, op. min:-25(degree C); Diameter, panel cut-out:19mm; Length / Height, BATTERY CLIP Panel Kit; Contents Of Kit:Bottom panel; For Use With:R-120 Protective equipment case O RING FOR R120 BOX Panel Kit; Contents Of Kit:Bottom panel; For Use With:R-300 Protective equipment case AB 4C 2#8 2#16 ANGLE PIN PLUG SWITCH, CAPACITIVE UNDERGLASSSWITCH, CAPACITIVE UNDERGLASS; Switch function type:Momentary; Voltage, contact DC max:24V; Temp, op. min:-20(degree C); Diameter, panel cut-out:16.2mm; Length / Height, external:4mm; Width, SWITCH, CAPACITIVE RED ILLUMINATIONSWITCH, CAPACITIVE RED ILLUMINATION; Switch function type:3 wire NPN; Temp, op. max:85(degree C); Temp, op. min:-20(degree C); Diameter, panel cut-out:16mm; Colour:Red; Current, supply:20mA; SWITCH, CAPGREEN ILLUMINATIONSWITCH, CAPGREEN ILLUMINATION; Switch function type:Momentary; Temp, op. min:-20(degree C); Diameter, panel cut-out:16.2mm; Colour:Green; Current, switching DC max:175mA; Depth, behind panel:13mm; IP Vandal Resistant Switch CONNECTOR ACCESSORY MSMLA SWITCH,250V,22 MM,ILLUM-BLUE MCORE GPS CONTROLLER CIT SWTICH
|
Electronic Theatre Controls, Inc. CIT[CIT Relay & Switch]
|
ADS9224R ADS9224RIRHBR ADS92X4R |
<font color=red>[Old version datasheet]</font> Dual, Low Latency, Simultaneous-Sampling SAR ADC
|
TI store
|
CS4362A |
114 dB, 24-bit, 192 kHz, 6- and 8-Channel D/A Converters with DSD Support & Low-Latency Digital Filtering
|
Cirrus Logic
|
100344PC 100344QC 100344QI 100344 100344QCX 100344 |
From old datasheet system Low Power 8-Bit Latch with Cut-Off Drivers
|
FAIRCHILD[Fairchild Semiconductor]
|
1301.9304 |
SWITCH, PCB PUSH 7.3MMSWITCH, PCB PUSH 7.3MM; Switch function type:Momentary; Voltage, contact DC max:12V dc; Temp, op. max:60(degree C); Temp, op. min:-10(degree C); Diameter, panel cut-out:3.3mm; Length / Height, external:3.5mm;
|
SCHURTER INC
|
|