PART |
Description |
Maker |
55GN01MA 55GN01MA-TL-E |
RF Transistor 10V, 70mA, fT=5.5GHz, NPN Single MCP
|
ON Semiconductor
|
55GN01CA 55GN01CA12 ENA1111A |
RF Transistor, 10V, 70mA, fT=5.5GHz, NPN Single CP UHF Wide-band Low-noise Amplifier Applications
|
ON Semiconductor Sanyo Semicon Device
|
2SC5488A12 2SC5488A |
RF Transistor, 10V, 70mA, fT=7GHz, NPN Single SSFP VHF to UHF Wide-Band Low-Noise Amplifier Applications
|
ON Semiconductor Sanyo Semicon Device
|
2SC5231A-8-TL-E 2SC5231A-9-TL-E |
RF Transistor 10V, 70mA, fT=7GHz, NPN Single SMCP
|
ON Semiconductor
|
SB007-03SPA SB007-03CPA |
30V/ 70mA Rectifier Shottky barrier diode, 30V/70mA rectifier 30V, 70mA Rectifier 30V 70mA Rectifier Schottky Barrier Diode
|
Sanyo Semiconductor SANYO[Sanyo Semicon Device]
|
SB007W03S |
30V/ 70mA Rectifier 30V, 70mA Rectifier Silicon Diode
|
SANYO[Sanyo Semicon Device] N/A
|
2SD2397 2SD1866 2SD2143 2SD2212 |
Medium Power Transistor(Motor, Relay drive) (60±10V, 2A) Medium Power Transistor(Motor, Relay drive) (60【10V, 2A)
|
ROHM[Rohm]
|
DTA125TA DTA143XLA DTA143XAA DTA144GFA DTB114GF DT |
TRANSISTOR | 50V V(BR)CEO | 100MA I(C) | SIP TRANSISTOR | 50V V(BR)CEO | 100MA I(C) | TO-92VAR TRANSISTOR | 50V V(BR)CEO | 70MA I(C) | SC-71 TRANSISTOR | 50V V(BR)CEO | 20MA I(C) | SC-71 晶体管| 50V五(巴西)总裁| 100mA的一c)|园区 TRANSISTOR | 50V V(BR)CEO | 500MA I(C) | SC-71 晶体管| 50V五(巴西)总裁| 500mA的一(c)|律师- 71 TRANSISTOR | 50V V(BR)CEO | 100MA I(C) | SC-71VAR 晶体管| 50V五(巴西)总裁| 100mA的一(c)|资深大律师,71VAR TRANSISTOR | 50V V(BR)CEO | 30MA I(C) | SC-71 晶体管| 50V五(巴西)总裁| 30mA的一(c)|律师- 71 TRANSISTOR | 50V V(BR)CEO | 30MA I(C) | SIP 晶体管| 50V五(巴西)总裁| 30mA的一c)|园区 TRANSISTOR | 50V V(BR)CEO | 100MA I(C) | SC-71 晶体管| 50V五(巴西)总裁| 100mA的一(c)|律师- 71 TRANSISTOR | 50V V(BR)CEO | 50MA I(C) | SIP 晶体管| 50V五(巴西)总裁| 50mA的一(c)|园区 TRANSISTOR | 50V V(BR)CEO | 100MA I(C) | SOT-23 晶体管| 50V五(巴西)总裁| 100mA的一(c)| SOT - 23封装
|
Air Cost Control Delta Electronics, Inc. Yageo, Corp. Rohm Co., Ltd. Electronic Theatre Controls, Inc. Intel, Corp. Diodes, Inc.
|
KO3404 |
VDS (V) = 30V ID =5.8 A (VGS=10V) RDS(ON) 28 m (VGS = 10V)
|
TY Semiconductor Co., Ltd
|
IS204-1 IS204-2 IS204-3 |
6V; 70mA phototransistor optically coupled isolator
|
ISOCOM
|
NDHV310ACA |
30mW; 5V; 70mA blue laser diode
|
NICHIA CORPORATION
|
REF02HP REF01Z REF02Z REF01 REF02HSA REF01HSA REF0 |
DBL DEN JACKSCREW F172 5V 10V Precision Voltage References 5V, 10V Precision Voltage References 5V/ 10V Precision Voltage References
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|