PART |
Description |
Maker |
SIOV-LS40K130QP SIOV-LS40K230QP SIOV-LS40K320QP SI |
RESISTOR, VOLTAGE DEPENDENT, 170 V, 310 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 300 V, 460 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 420 V, 640 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 560 V, 910 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 585 V, 950 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 200 V, 360 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 320 V, 490 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 350 V, 550 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 505 V, 800 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 615 V, 960 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 745 V, 960 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 895 V, 1100 J, CHASSIS MOUNT RESISTOR, VOLTAGE DEPENDENT, 1060 V, 1200 J, CHASSIS MOUNT
|
SIEMENS AG
|
PQ070XNA1ZPH |
Low Voltage Operation,Compact Surface Mount type Low Power-Loss Voltage Regulators
|
Sharp Electrionic Components
|
SI-3018LUS SI-3050LUS SI-3033LUS |
Surface Mount Linear Regulator IC Surface-Mount, Low Current Consumption, Low Dropout Voltage Dropper Type
|
Sanken List of Unclassifed Manufacturers
|
PQ1L333M2SP PQ1LXX3M2SP PQ1L253M2SP PQ1L303M2SP PQ |
LOW POWER-LOSS VOLTAGE REGULATOR 低功率损耗的电压调节 Compact Surface Mount Type, Low Output Current, Low Power-Loss Voltage Regulators
|
Sharp, Corp. SHARP[Sharp Electrionic Components]
|
MMSZ5221BT1 ON2279 MMSZ5222BT1 MMSZ5260BT1 MMSZ526 |
Surface Mount Silicon Zener Diodes From old datasheet system PLASTIC SURFACE MOUNT Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 3.3 V, 0.5 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE
|
MOTOROLA[Motorola, Inc] ON Semi Motorola Mobility Holdings, Inc.
|
SIOV-S10K20 SIOV-S05K250 SIOV-S20K1000 SIOV-S20K11 |
RESISTOR, VOLTAGE DEPENDENT, 26 V, 3.1 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 320 V, 8.2 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 1465 V, 410 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 14 V, 10 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 150 V, 60 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 170 V, 74 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 180 V, 78 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 200 V, 85 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 22 V, 14 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 26 V, 18 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 300 V, 130 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 31 V, 22 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 320 V, 140 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 350 V, 151 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 38 V, 26 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 150 V, 3.6 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 200 V, 4.9 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 180 V, 4.5 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 22 V, 0.5 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 225 V, 5.6 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 100 V, 2.5 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 45 V, 2.5 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 100 V, 5.9 J, THROUGH HOLE MOUNT RADIAL LEADED RESISTOR, VOLTAGE DEPENDENT, 45 V, 5.4 J, THROUGH HOLE MOUNT RADIAL LEADED Leaded varistors, StandarD series SIOV metal oxide varistors SIOV metal oxide varistors
|
爱普科斯(中国)投资有限公司 EPCOS
|
AMS1117 AMS1117-15 AMS1117-18 AMS1117-25 AMS1117-3 |
5.0V 800mA low dropout voltage regulator 3.3V 800mA low dropout voltage regulator 2.85V 800mA low dropout voltage regulator 2.5V 800mA low dropout voltage regulator 1.8V 800mA low dropout voltage regulator 1.5V 800mA low dropout voltage regulator 800mA LOW DROPOUT VOLTAGE REGULATOR 800mA的低压差稳压 BZ Series Standard Basic Switch, Single Pole Double Throw Circuitry, 15 A at 250 Vac, Overtravel Plunger Actuator, 2,5 N - 3,61 N [9 oz - 13 oz] Operating Force, Silver Contacts, Screw Termination, CE, CSA, DEMKO,
|
Advanced Monolithic Systems, Inc. ADMOS[Advanced Monolithic Systems] http://
|
MPM-04D-1205E MPM-04D-0503E MPM-04E MPM-04S-03E MP |
Low Cost, Board Mount 4W Single And Dual Output AC/DC Power Supplies
|
MicroPower Direct, LLC
|
183E20 |
Low Voltage P.C. Board Mounted Power Transformer
|
Hammond Manufacturing L...
|
183E28 |
Low Voltage P.C. Board Mounted Power Transformer
|
Hammond Manufacturing L...
|
C-159-155-FDFB-SLC5 C-127-155-FDFB-SLC9S-G5 C-127- |
155 Mbps Single Mode SFF LC Transceiver FIBER OPTIC TRANSCEIVER, 1305-1318nm, 155Mbps(Tx), 155Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1425-1438nm, 155Mbps(Tx), 155Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1265-1278nm, 155Mbps(Tx), 155Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR FIBER OPTIC TRANSCEIVER, 1325-1338nm, 155Mbps(Tx), 155Mbps(Rx), BOARD/PANEL MOUNT, LC CONNECTOR
|
Source Photonics, Inc.
|
|