PART |
Description |
Maker |
SV3100 |
Miniature Axial Lead High Voltage Diodes
|
Conditioning Semiconductor Devices
|
X150SG X200SG X100SG |
High Voltage Diodes - Axial Lead 25mA - 250mA ?3000ns ?Hermetic
|
Voltage Multipliers Inc...
|
BZW04P5V8 BZW04P10 BZW04P102 |
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
|
SUNMATE electronic Co.,...
|
1.5KE36A-HF 1.5KE36CA-HF 1.5KE7.5A-HF 1.5KE600CA-H |
Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P<sub>PPM</sub>=1500Watts, V<sub>RWM</sub>=30.8V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P<sub>PPM</sub>=1500Watts, V<sub>RWM</sub>=6.4V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P<sub>PPM</sub>=1500Watts, V<sub>RWM</sub>=513V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P<sub>PPM</sub>=1500Watts, V<sub>RWM</sub>=70.1V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=11.1V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=9.4V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=85.5V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=20.5V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=8.6V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=23.1V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=10.2V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=40.2V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=33.3V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=12.8V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=94V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=102V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=111V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=128V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=136V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=13.6V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=145V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=154V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=64.1V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=15.3V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=28.2V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=25.6V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=53V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=58.1V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=43.6V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=376.2V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=18.8V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=36.8V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=470.3V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=214V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=427.5V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=7.8V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=299.3V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=5.8V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=47.8V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=77.8V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=185V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=256V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=17.1V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=324.9V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=171V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=513V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=444.6V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=6.4V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=7V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=1500Watts, V-RWM=342V, Tolerance=5%
|
Comchip Technology
|
1.5KE550CA 1.5KE550A 1.5KE540A 1.5KE510CA 1.5KE530 |
Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors Silicon Avalanche Diodes - 1500 Watt Axial Leaded Transient Voltage Suppressors 硅雪崩二极管- 1500瓦特轴向引线型瞬态电压抑制器
|
Littelfuse, Inc. http://
|
HVR-1X-40B SHV-20 SHV-16 UX-F0B SHV-02 SHV-03 SHV- |
9kV,High-Voltage Rectifier Diodes(9kV,高压整流二极 0.35 A, SILICON, SIGNAL DIODE High-Voltage Rectifier Diodes 0.002 A, 4.5 V, SILICON, SIGNAL DIODE Ultra low profile, Two-piece, Discrete wire, FPC, and fine coaxial cable connectors; HRS No: 685-0018-5 05; No. of Positions: 14; Operating Temperature Range (degrees C): -35 to 85; General Description: Accessory; Ground plate for FPC type High-Voltage Rectifier Diodes
|
Sanken Electric Co., Ltd. Sanken Electric Co.,Ltd. SANKEN[Sanken electric] http://
|
5KP6 5KP11A 5KP10A 5KP11 5KP10 |
Axial lead diode Unidirectional and bidirectional Transient Voltage Suppressor diodes
|
Semikron International
|
P4KE510A |
Silicon Avalanche Diodes - 400W Axial Leaded Transient Voltage Supressors
|
Littelfuse
|
SA6.5CA SA150A SA20A SA8.0A SA7.0A SA6.0A SA5.0A S |
Silicon Avalanche Diodes - 500 Watt Axial Leaded Transient Voltage Suppressors
|
Pan Jit International Inc. LITTELFUSE[Littelfuse]
|
5KP40CA |
Silicon Avalanche Diodes - 5000 Watt Axial Leaded Transient Voltage Suppressor
|
http://
|
1N5988 1N5993 1N5987 1N5989 1N5997 1N5996 1N6029 1 |
From old datasheet system Axial-Leaded 500 mW Zener Diodes SILICON 500 mW ZENER DIODES 3.3V Input to Regulated 5V Output Charge Pumps Static Protection Wrist Grounder; Body Material:Fabric RoHS Compliant: NA Zener Voltage Regulator Diode 8.2 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode 180 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode 33 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode 39 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode 15 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Zener Voltage Regulator Diode 100 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH Insulating Tape; Peak Reflow Compatible (260 C):No 27 V, 0.48 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-204AH
|
MICROSEMI CORP-LAWRENCE MICROSEMI CORP-SCOTTSDALE MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
M160UFGHT |
High Voltage High Temp Diode - Axial Lead 10mA ?100ns
|
Voltage Multipliers Inc...
|
|