PART |
Description |
Maker |
MCP1253-33X50I_MS MCP1253T-33X50I_MS MCP1253-ADJI_ |
(MCP1252 / MCP1253) Low Noise / Positive-Regulated Charge Pump Low Noise, Positive-Regulated Charge Pump 低噪声,正调节电荷泵 The MCP1253-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of either 1.5V to 5.0V and can deliver 120mA of load current at the desired regulated output voltage. Since the The MCP1253-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of ... The MCP1253-33X50 is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has selectable outputs of either 3.3V or 5.0V and can deliver 120mA of load current at the selected regulated output voltage. Since the The MCP1252-33X50 is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has selectable outputs of ... The MCP1252-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of either 1.5V to 5.0V and can deliver 120mA of load current at the desired regulated output voltage. Since the The MCP1252-ADJ is an inductorless, positive regulating, low noise charge pump DC-to-DC converter. It has an adjustable output of ...
|
Microchip Technology, Inc. Microchip Technology Inc. MICROCHIP[Microchip Technology]
|
LTC3204 LTC3204-3.3 LTC3204-5 LTC3204B-3.3 LTC3204 |
Low Noise Regulated Charge Pump in 2 X 2 DFN
|
Linear Technology
|
CAT3200ES6-5 |
Low Noise Regulated Charge Pump DC-DC Converter
|
ON Semiconductor
|
MAX840 MAX840ESA MAX840ISA MAX844ESA MAX844ISA MAX |
OSC 3.3V 8PIN PROG HCMOS Low-Noise Regulated -2V GaAsFET Bias Low-Noise, Regulated, -2V GaAsFET Bias Low-Noise / Regulated / -2V GaAsFET Bias
|
MAXIM INTEGRATED PRODUCTS INC Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
CAT3200 CAT3200-5 CAT3200EMS8-TE13 CAT3200ES6-5-TE |
Low Noise Regulated Charge Pump DC-DC Converter
|
CATALYST[Catalyst Semiconductor]
|
CAT3604HV4-GT2 CAT3604HV4-T2 CAT3606HV4-GT2 CAT360 |
6-Channel Low Noise Charge Pump White LED Driver 4-Channel Regulated Charge Pump White LED Driver
|
ON Semiconductor
|
MAX682 MAX682ESA MAX683 MAX684EUA MAX683EUA MAX684 |
From old datasheet system 3.3V-Input to Regulated 5V-Output Charge Pumps(3.3V输入电压,可调,5V输出电荷 3.3V-Input to Regulated 5V-Output Charge Pumps 0.1 A SWITCHED CAPACITOR REGULATOR, 1300 kHz SWITCHING FREQ-MAX, PDSO8
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maixm Maxim Integrated Products, Inc.
|
AAT3111IJS-3.3-T1 AAT3111IJS-3.6-T1 AAT3111IGU-3.3 |
MicroPower Regulated Charge Pump MicroPower⑩ Regulated Charge Pump
|
Advanced Analog Technology, Inc.
|
TPS60205DGSG4 TPS60205DGSRG4 |
<font color=red>[Old version datasheet]</font> REGULATED 3.3-V 100-MA LOW-RIPPLE CHARGE PUMP LOW POWER DC/DC CONVERTERS
|
TI store
|
LTC1682IMS8-5 LTC1682CMS8 LTC1682CS8 LTC1682CS8-3. |
Doubler Charge Pumps with Low Noise Linear Regulator; Package: MSOP; No of Pins: 8; Temperature Range: 0°C to 70°C Replaced by TLV5618A : Dual 12-Bit DAC, Pgrmable 8-SOIC Doubler Charge Pumps with Low Noise Linear Regulator(5V杈??锛?甫浣??澹扮嚎?хǔ??????????佃?娉旦
|
Linear Technology Corporation LINER[Linear Technology]
|
MCP1259T-EMF MCP1259T-EUN MCP1259-EMF MCP1259-EUN |
Regulated 3.3V, Low-Ripple Charge Pump with Low- Operating Current SLEEP Mode or BYPASS Mode 3.3V的稳压,低纹波充电泵具有低工作电流睡眠模式或旁路模式
|
Microchip Technology Inc. Microchip Technology, Inc.
|
LTC1754ES6-3.3 LTC1754-3.3 LTC1754ES6-5 LTC1754-5 |
Micropower, Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 125°C SWITCHED CAPACITOR REGULATOR, 700 kHz SWITCHING FREQ-MAX, PDSO6 Micropower/ Regulated 3.3V/5V Charge Pump with Shutdown in SOT-23
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|