PART |
Description |
Maker |
DAC08Q DAC08RC/883 DAC08EQ DAC08AQ |
8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface) PARALLEL, 8 BITS INPUT LOADING, 0.085 us SETTLING TIME, 8-BIT DAC, CQCC20 8-Bit/ High-Speed/ Multiplying D/A Converter (Universal Digital Logic Interface) 8-Bit/ High Speed/ Multiplying D/A Converter (Universal Digital Logic Interface)
|
Analog Devices, Inc.
|
AD9751-EB AD9751AST |
10-Bit, 300 MSPS High-Speed TxDAC D/A Converter PARALLEL, WORD INPUT LOADING, 0.011 us SETTLING TIME, DAC WITH PROGRAMMABLE PLL, PQFP48 10-Bit/ 300 MSPS High-Speed TxDAC D/A Converter
|
Analog Devices, Inc.
|
ISL5861EVAL1 ISL5861IB ISL5861IA ISL5861 ISL58612I |
12-bit/ 3.3V/ 130/210MSPS/ CommLinkTM High Speed D/A Converter 12-bit 3.3V 130/210MSPS CommLinkTM High Speed D/A Converter CONNECTOR ACCESSORY 12-bit, 3.3V, 130/210MSPS, CommLinkTM High Speed D/A Converter 12位,3.3伏,130/210MSPS,CommLinkTM高速D / A转换
|
http:// INTERSIL[Intersil Corporation] Intersil, Corp.
|
LTC1604 |
High Speed, 16-Bit, 333ksps Sampling A/D Converter with Shutdown(楂??锛?6浣??333ksps???妯℃?杞?????甯?????) High Speed, 16-Bit, 333ksps Sampling A/D Converter with Shutdown(高速,16位,333ksps采样模数转换器(带关断)) 高速,16位,333ksps具有关断(高速,16位,采样A / D转换333ksps采样模数转换器(带关断) High Speed, 16-Bit, 333kspsSampling A/D Converterwith Shutdown
|
Linear Technology Corporation Linear Technology, Corp.
|
ISL5629 ISL5629/2IN |
Dual 8-bit, 3.3V, 130/210 MSPS, CommLink™ High Speed D/A Converter; Temperature Range: -40°C to 85°C; Package: 48-MQFP DUAL, PARALLEL, 8 BITS INPUT LOADING, 8-BIT DAC, PQFP48 D/A Converter, Dual, 8 Bit, 130/210MSPS, High Speed, 3.3V
|
Intersil, Corp.
|
2SK2776 |
N CHANNEL MOS TYPE (HIGH SPEED, HIGH VOLTAGE SWITCHING, CHOPPER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS) N通道马鞍山型(高速,高压开关,斩波调压器,DC - DC变换器和电机驱动应用 N CHANNEL MOS TYPE (HIGH SPEED/ HIGH VOLTAGE SWITCHING/ CHOPPER REGULATOR/ DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
|
Toshiba, Corp. TOSHIBA[Toshiba Semiconductor]
|
ISL5827 ISL5827EVAL1 ISL5827IN |
Dual 12-bit, 3.3V, 260 MSPS, high speed D/A converter. Clock speed 260 MHz. From old datasheet system
|
Intersil Corporation http://
|
2SJ464 |
P CHANNEL MOS TYPE (HIGH SPEED/ HIGH CURRENT SWITCHING/ CHOPPOER REGULATOR/ DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS) NTE Panel Mount Socket, Current Rating: 5 A, Voltage Rating: 120 V, Contact Termination: Solder, Features: 14 pin blade socket, 4PDT applications P CHANNEL MOS TYPE (HIGH SPEED, HIGH CURRENT SWITCHING, CHOPPOER REGULATOR, DC-DC CONVERTER AND MOTOR DRIVE APPLICATIONS)
|
Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
|