PART |
Description |
Maker |
IRS2011PBF IRS2011PBF-15 |
Floating channel designed for bootstrap operation
|
International Rectifier
|
IRS2301 IRS2301SPBF IRS2301STRPBF |
Floating channel designed for bootstrap operation
|
International Rectifier
|
AUIRS2004S AUIRS2004STR AUIRS2004S-15 |
Automotive Grade HALF-BRIDGE DRIVER IC Undervoltage lockout Floating channel designed for bootstrap operation
|
International Rectifier
|
C1206Y222K5RACTU |
Ceramic, Floating Electrode, FloatingFlexTerm-(CxxxxY), 2200 pF, 10%, 50 V, 1206, X7R, SMD, MLCC, FF-CAP, Floating Electrode
|
Kemet Corporation
|
INT201 INT201PFI INT201TFI INT201PF1NBSP INT201PF1 |
Floating Inputs Floating High-side Drive High-side Driver IC From old datasheet system
|
Power Integrations Inc. POWERINT[Power Integrations Inc.] POWERINT[Power Integrations, Inc.]
|
T6340A T6505A T6505A-ADG T6505A-AEG T6505A-BDG T65 |
T6340A provides the low-dropout bias supply and the high performance alternative solution for the white LEDs application. T6505A is designed for LED displays. The T6506A is a 3-channel constant current LED drivers. 16-channel Constant Current LED Driver with LVDS Interface 24-channel LED Driver with LVDS Interface 16-channel LED Driver with LVDS Interface 24-channel Constant Current LED Driver with LVDS Interface The T8601 is a low cost, simple, high-efficiency off-line LED driver IC. The T8611 is a simple, high voltage, linear current regulator. The T6331A are integrated, high-efficiency white or RGB LED drivers. The T6322A is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage. The T6333A is a continuous mode inductive step-down converter, designed for driving single or multiple series connected LEDs efficiently from a voltage source higher than the LED voltage.
|
Taiwan Memory Technology THine Electronics, Inc.
|
PSMN075-100MSE |
N-channel 100 V 71 m standard level MOSFET in LFPAK33 designed specifically for PoE applications N-channel 100 V 71 mΩ standard level MOSFET in LFPAK33 designed specifically for PoE applications
|
NXP Semiconductors
|
IRF7807ZUPBF |
30V Single N-Channel HEXFET Power MOSFET in a Lead Free SO-8 package designed and qualified for the consumer market
|
International Rectifier
|
MRF6V2150N MRF6V2150NB |
N-Channel Enhancement-Mode Lateral MOSFETs Designed primarily for wideband large- signal output and driver applications
|
FREESCALE[Freescale Semiconductor, Inc] Motorola Semiconductor Products
|
MCP100T-270I_TT MCP100T-300I_TT MCP100T-315I_TT MC |
1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 The MCP100 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper ... The MCP101 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper ... The MCP101 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper level and stabilized. It also operates as protection from brown-out conditions when the supply voltage d The MCP100 is a voltage supervisory device designed to keep a microcontroller in reset until the system voltage has reached the proper level and stabilized. It also operates as protection from brown-out conditions when the supply voltage d CPU / System Supervisors Microcontroller Supervisory Circuit with Push-Pull Output
|
MICROCHIP[Microchip Technology] Microchip Technology Inc. Microchip Technology, Inc.
|