PART |
Description |
Maker |
PHD16N03LT |
N-channel TrenchMOS?/a> logic level FET N-channel Trenchmos (tm) logic level FET N-channel TrenchMOS⑩ logic level FET From old datasheet system N-channel TrenchMOSlogic level FET 16 A, 30 V, 0.067 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
AIC1720 AIC1720-30 AIC1720-30CS AIC1720-30CX AIC17 |
CMOS Single 8-Channel Analog Multiplexer/Demultiplexer with Logic-Level Conversion 16-CDIP -55 to 125 CMOS Single 8-Channel Analog Multiplexer/Demultiplexer with Logic-Level Conversion 16-SOIC -55 to 125 CMOS Single 8-Channel Analog Multiplexer/Demultiplexer with Logic-Level Conversion 16-TSSOP -55 to 125 100mA Low Dropout Linear Regulator 100mA的低压差线性稳压器 CMOS Single 8-Channel Analog Multiplexer/Demultiplexer with Logic-Level Conversion 16-SO -55 to 125 100mA的低压差线性稳压器
|
Analog Integrations Corporation AIC[Analog Intergrations Corporation] Analog Integrations, Corp.
|
HGT1S14N36G3VL HGT1S14N36G3VLS HGTP14N36G3VL HGT1S |
DIODE ZENER SINGLE 500mW 30Vz 4.2mA-Izt 0.05 0.1uA-Ir 23Vr DO35-GLASS 5K/REEL DIODE ZENER SINGLE 500mW 39Vz 3.2mA-Izt 0.05 0.1uA-Ir 32Vr DO35-GLASS 5K/AMMO 14A 360V N-Channel Logic Level Voltage Clamping IGBTs 14A, 360V N-CHANNEL, LOGIC LEVEL, VOLTAGE CLAMPING IGBTS 14A, 380V Logic Level, Voltage Clamped, Avalanche Energy Rated, ESD Protected IGBT 14A/ 360V N-Channel/ Logic Level/ Voltage Clamping IGBTs
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
PMV45EN PMV45EN-01 |
uTrenchMOS tm enhanced logic level FET N-channel TrenchMOS logic level FET mTrenchMOS enhanced logic level FET From old datasheet system mTrenchMOSTM enhanced logic level FET
|
NXP Semiconductors N.V. Philips
|
SUD25N06-45L |
N-Channel 60-V (D-S), 175C MOSFET, Logic Level N-Channel Enhancement-Mode MOSFETs, Logic Level
|
Vishay Intertechnology,Inc. VISAY[Vishay Siliconix]
|
FDD5810 FDD581007 FDD5810-F085 |
N-Channel Logic Level Trench MOSFET 60V, 36A, 27mOhm N-Channel Logic Level Trench㈢ MOSFET N-Channel Logic Level Trench? MOSFET
|
Fairchild Semiconductor
|
NTD6600N NTD6600N-1 NTD6600N-1G NTD6600NT4 NTD6600 |
Power MOSFET 100 V, 12 A, N−Channel, Logic Level DPAK Power MOSFET 100 V, 12 A, N-Channel, Logic Level DPAK; Package: DPAK 4 LEAD Single Gauge Surface Mount; No of Pins: 4; Container: Tape and Reel; Qty per Container: 2500 12 A, 100 V, 0.146 ohm, N-CHANNEL, Si, POWER, MOSFET
|
ON Semiconductor
|
MC74VHC1GT04DFT2 M74VHC1GT04DFT1G MC74VHC1G13507 M |
Inverting Buffer / CMOS Logic Level Shifter CMOS Logic Level Shifter 2?Input NAND Schmitt?Trigger with Open Drain Output Single Schmitt?Trigger Inverter Single 2?Input NAND Gate/CMOS Logic Level Shifter LSTTL?Compatible Inputs Single 2?Input NOR Gate/CMOS Logic Level Shifter LSTTL?Compatible Inputs
|
ONSEMI[ON Semiconductor]
|
FDS6675 |
Single P-Channel/ Logic Level/ PowerTrenchTM MOSFET
|
Fairchild Semiconductor
|
FDS6690A |
Single N-Channel, Logic Level, PowerTrench MOSFET
|
Fairchild Semiconductor
|
SI3457DV |
Single P-Channel Logic Level PowerTrench MOSFET
|
FAIRCHILD[Fairchild Semiconductor]
|
FDR4420A |
Single N-Channel, Logic Level, PowerTrenchTM MOSFET Single N-Channel/ Logic Level/ PowerTrenchTM MOSFET
|
Fairchild Semiconductor
|