PART |
Description |
Maker |
CL7512AEQC208-15 |
Laser processed logic device
|
CLEARLOGIC
|
CL7256SRI208-10 CL7256SQC208-6 CL7256SQC208-7 |
Laser processed logic device
|
CLEARLOGIC
|
RS56L-PCI RS56LSP-PCI |
Host-Processed V.90/K56flex垄芒 Modem Device Family for Mobile Applications Host-Processed V.90/K56flex?/a> Modem Device Family for Mobile Applications Host-Processed V.90/K56flex Modem Device Family for Mobile Applications
|
ETC List of Unclassifed Manufacturers
|
MAX7000 MAX7000S EPM7128E EPM7128S EPM7256E EPM725 |
Programmable logic , 128 macrocells, 8 logic array blocks, 68 I/O pins, 10ns MAX 7000 Programmable Logic Device Family
|
ATERA Altera Corporation
|
M5LV-256_104-10VC M5LV-256_104-10VI M5LV-256_104-1 |
7ns fifth generation MACH architecture CPLD (Complex Programmable Logic Device) 20ns fifth generation MACH architecture CPLD (Complex Programmable Logic Device) 10ns fifth generation MACH architecture CPLD (Complex Programmable Logic Device) 12ns fifth generation MACH architecture CPLD (Complex Programmable Logic Device) 15ns fifth generation MACH architecture CPLD (Complex Programmable Logic Device)
|
LATTICE[Lattice Semiconductor]
|
ST24LC21BB1 ST24LW21B1 ST24FC21M1 ST24FW21B1 ST24L |
1 Kbit (x8) Dual Mode Serial EEPROM for VESA PLUG & PLAY IC CONFIG DEVICE 8MBIT 100-PQFP I2C串行EEPROM IC ACEX 1K FPGA 100K 484-FBGA FPGA, FLEX 10K, 10K GATES, TQFP144; Logic IC family:FPGA; Logic IC Base Number:10; Logic IC function:EPF10K10; Voltage, supply:5.0V; Case style:TQFP; Gates, No. of:10000; I/O lines, No. of:102; Pins, No. of:144; Temp, op. RoHS Compliant: Yes IC CONFIG DEVICE 1.6MBIT 32-TQFP MAX 3000A CPLD 32 MC 44-PLCC
|
SGS Thomson Microelectronics Honeywell International, Inc.
|
PEEL22CV10AP-25 PEEL22CV10AP-10 PEEL22CV10AP-15 PE |
PEEL?/a> 22CV10A-7/-10/-15/-25 CMOS Programmable Electrically Erasable Logic Device PEEL⑩ 22CV10A-7/-10/-15/-25 CMOS Programmable Electrically Erasable Logic Device PEEL 22CV10A-7/-10/-15/-25 CMOS Programmable Electrically Erasable Logic Device PEEL?/a> 22CV10A-7/-10/-15/-25 CMOS Programmable Electrically Erasable Logic Device PEEL?/a> 22CV10A-7/-10/-15/-25 CMOS Programmable Electrically Erasable Logic Device
|
ANACHIP[Anachip Corp] http://
|
XMT5170A155FP XMT5170A155SC XMT5170A155ST |
XMT5170A155FP · 155 Mb/s Logic Interface Laser Transmitter for OC3/STM1 - FC/PC Connector, -40C to 85C XMT5170A155SC · 155 Mb/s Logic Interface Laser Transmitter for OC3/STM1 - SC Connector, -40C to 85C XMT5170A155ST · 155 Mb/s Logic Interface Laser Transmitter for OC3/STM1 - ST Connector, -40C to 85C
|
Agilent (Hewlett-Packard)
|
XAL-T011A |
Array Device Aligning and Laser Welding System
|
List of Unclassifed Manufacturers ETC[ETC]
|
XMT5170B-155-ST XMT5170-155 XMT5170A-155-FP XMT517 |
155 Mb/s Logic Interface Laser Transmitter for OC3/STM1
|
Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
MID400 |
AC LINE MONITOR LOGIC-OUT DEVICE
|
Fairchild Semiconductor
|