PART |
Description |
Maker |
CMM3566-LC-000T PB-CMM3566-LC |
3.45 to 3.5 GHz 7.0 V, 24 dBm W-cdma Power Amplifier 3.45.5 GHz 7.0伏,24 dBm的的W - CDMA功率放大 3.45 to 3.5 GHz 7.0 V, 24 dBm W-cdma Power Amplifier 3450 MHz - 3500 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER
|
Mimix Broadband, Inc. MIMIX BROADBAND INC
|
PE71S2022 |
2.92mm SPDT PIN Diode Switch Operating From 2 GHz to 40 GHz Up To plus 27 dBm
|
Pasternack Enterprises,...
|
CMM1330 CMM1330-AK CMM1330-AK-000T |
1.85 to 1.91 GHz, 3 V, 30 dBm PCS/PCN power amplifier 1.85 to 1.91 GHz 3V, 30 dBm PCS/PCN Power Amplifier 1850 MHz - 1910 MHz RF/MICROWAVE NARROW BAND MEDIUM POWER AMPLIFIER
|
CELERITEK List of Unclassifed Manufacturers ETC Electronic Theatre Controls, Inc. MIMIX BROADBAND INC
|
PE15A1006 |
40 dB Gain, 1.1 dB NF, 15 dBm, 3.1 GHz to 3.5 GHz, Low Noise High Gain Amplifier
|
Pasternack Enterprises, Inc.
|
TA010-020-15-15 |
1.0 - 2.0 GHz 15 dBm Amplifier
|
Transcom, Inc.
|
TA165-182-32-32 |
16.5 - 18.2 GHz 32 dBm Amplifier
|
Transcom, Inc.
|
TM020-080-12-20 |
2 ~ 8 GHz 20 dBm Module
|
Transcom, Inc.
|
TA020-180-28-16 |
2 -18 GHz 16 dBm Amplifier
|
Transcom, Inc.
|
TM005-020-14-14 |
0.5 - 2 GHz 14 dBm Module
|
Transcom, Inc.
|
TA060-180-30-28 |
6 - 18 GHz 28 dBm Amplifier
|
Transcom, Inc.
|
TA160-180-50-10 |
16 - 18 GHz 10 dBm Power Amplifier
|
Transcom, Inc.
|