PART |
Description |
Maker |
IRU1010-33CD IRU1010-33CP IRU1010-33CS IRU1010-33C |
1A Fixed LDO Linear Regulator in a SOT-223 3-Leads package 1A Fixed LDO Linear Regulator in a SOIC 8-Lead package 1A Fixed LDO Linear Regulator in a ULTRA THIN-PAK 2-Leads package 1A Fixed LDO Linear Regulator in a TO-252 (D-PAK) 2-Leads package 1A LOW DROPOUT POSITIVE FIXED 3.3V REGULATOR
|
IRF[International Rectifier]
|
MAX8860 MAX8860EUA18 MAX8860EUA25 MAX8860EUA27 MAX |
Low-Dropout, 300mA Linear Regulator in レMAX 2.77 V FIXED POSITIVE LDO REGULATOR, 0.22 V DROPOUT, PDSO8 Low-Dropout, 300mA Linear Regulator in レMAX FIXED/ADJUSTABLE POSITIVE LDO REGULATOR, 0.22 V DROPOUT, PDSO8 Low-Dropout, 300mA
Linear Regulator in µMAX Low-Dropout, 300mA Linear Regulator in ??AX Low-Dropout, 300mA Linear Regulator in μMAX Low-Dropout, 300mA Linear Regulator in MAX Low-Dropout / 300mA Linear Regulator in MAX
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maixm MAXIM - Dallas Semiconductor
|
CS8120YDPR5 CS8120YDR14 CS8120YN8 CS8120YTVA5 CS81 |
5V, 300mA Linear Regulator with RESETbar and ENABLEbar 5V, 100mA Low Dropout Linear Regulator with WATCHDOG, RESETbar, & WAKE UP
|
ON Semiconductor
|
ADP3309 ADP3309ART-27 ADP3309ART-285 ADP3309ART-29 |
anyCAP?/a> 100 mA Low Dropout Linear Regulator anyCAP⑩ 100 mA Low Dropout Linear Regulator anyCAP 100 mA Low Dropout Linear Regulator anyCAP100 mA Low Dropout Linear Regulator anyCAP00 mA时低压差线性稳压器
|
AD[Analog Devices] Analog Devices, Inc.
|
OM7580SM OM7580SMX |
Hi-Rel Adjustable 1.5V-5.5V 7.0A Linear Regulator in a SMD-6 Package Ultra Low Dropout, 7.0 A Adjustable Positive Linear Regulator Surface-Mount (SMD-6)
|
International Rectifier
|
MIC5247 MIC5247-1.5BM5 MIC5247-1.8BM5 MIC5247-2.0B |
Controllers, Display; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No 150mA Low-Voltage レCap Linear Regulator Preliminary Information 150mA Low-Voltage Cap Linear Regulator Preliminary Information 150mA Low-Voltage μCap Linear Regulator Preliminary Information
|
固定正电压单路输出LDO稳压 Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
ADP3302AR4 ADP3302AR2 ADP3302 ADP3302AR5 |
High Precision anyCAP?Dual Low Dropout Linear Regulator Host-Controlled Multi-Chemistry Battery Charger With Low Input Power Detect 24-VQFN 0 to 125 DUAL OUTPUT, FIXED POSITIVE LDO REGULATOR, PDSO8 High Precision anyCAPDual Low Dropout Linear Regulator
|
Analog Devices, Inc.
|
AP131-20YL-13 AP131-20YL-7 AP131-18YL-13 AP131-18Y |
1.5A Fast Ultra Low Dropout Linear Regulators 2.5 V FIXED POSITIVE LDO REGULATOR, 0.5 V DROPOUT, PDSO5 300mA LOW DROPOUT LINEAR REGULATOR WITH SHUTDOWN
|
Diodes, Inc. http:// Diodes Inc. DIODES[Diodes Incorporated]
|
L4957D1.5 L4957D15 L4957D2.5 L4957D25 L4957V2.5 L4 |
UP TO 4A ULDO LINEAR REGULATOR 5A ULTRA LOW DROP OUTPUT LINEAR REGULATOR
|
ST Microelectronics SGS Thomson Microelectronics STMicroelectronics 意法半导
|
NCP565D2T33G NCP565ST12T3G NCP565D2T12G NCP565D2T3 |
1.5 A Low Dropout Linear Regulator 3.3 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 1.5 A Low Dropout Linear Regulator 1.2 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PDSO4 1.5 A Low Dropout Linear Regulator 1.2 V FIXED POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO2 1.5 A Low Dropout Linear Regulator 0.9 V-7.7 V ADJUSTABLE POSITIVE LDO REGULATOR, 1.3 V DROPOUT, PSSO5
|
ON Semiconductor
|
LTC4063 |
Standalone Linear Li-Ion Charger with Micropower Low Dropout Linear Regulator
|
Linear Technology
|