PART |
Description |
Maker |
BL3085B |
High ESD-Protected, Fail-Safe, Slew-Rate-Limited
|
SHANGHAI BELLING CO., L...
|
BL3085A |
High ESD-Protected Fail-Safe Slew-Rate-Limited High ESD-Protected, Fail-Safe, Slew-Rate-Limited
|
SHANGHAI BELLING CO., LTD. SHANGHAI BELLING CO., L...
|
STC232E STC232EEPE STC232EESE |
High ESD-Protected, Fail-Safe , Single Supply RS-232 Transceivers
|
List of Unclassifed Manufacturers ETC
|
ISL3283E ISL3282E ISL3281E ISL3280E ISL3284E ISL32 |
6.5kV ESD Protected, 125C, 3.0V to 5.5V, SOT-23 Package, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers 【16.5kV ESD Protected, 125∑C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23 Package, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers; Temperature Range: -40°C to 85°C; Package: 6-SOT-23 T&R LINE RECEIVER, PDSO6 6.5kV ESD Protected, 125C, 3.0V to 5.5V, TDFN Package, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers 6.5kV ESD Protected, 125C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
|
Integrated Device Techn... Integrated Device Technology Intersil Corporation Intersil, Corp.
|
MAX3440EEPA |
±15kV ESD-Protected, ±60V Fault-Protected,10Mbps, Fail-Safe RS-485/J1708 Transceivers
|
Maxim Integrated Produc...
|
UM3087EEPA UM3087EESA |
±15kV ESD-Protected, Fail-Safe, Hot-Swappable
|
Union Semiconductor, Inc.
|
MAX13088ECPA MAX13082EEPA MAX13088EAPA MAX13083EAP |
5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDIP8 5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers LINE TRANSCEIVER, PDIP14
|
Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
MAX3443E MAX3443EESA MAX3443EAPA MAX3443EASA MAX34 |
【60V Fault-Protected, 10Mbps, Fail-Safe RS-485 Transceiver with 【15kV ESD Protection ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485 Transceiver with ±15kV ESD Protection
|
Maxim Integrated Produc... MAXIM[Maxim Integrated Products]
|
MAX3280EAUKT |
±15kV ESD-Protected 52Mbps, 3V to 5.5V,SOT23 RS-485/RS-422 True Fail-Safe Receivers
|
Maxim Integrated Produc...
|
UM3487EESA UM3487EEPA |
±15kV ESD-Protected, Fail-Safe, Hot-Swappable Auto Polarity Reversal RS-485 Transceivers
|
Union Semiconductor, Inc.
|
5962-9161101M3X |
3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers 八路D类触发器
|
TE Connectivity, Ltd.
|
|