PART |
Description |
Maker |
5962-8981706UX 5962-8981704UX 5962-8981704ZA |
Dynamically Adjustable, Synchronous Step-Down Controller for Notebook CPUs High-Speed, Adjustable, Synchronous Step-Down Controllers with Integrated Voltage Positioning x8存储 x8 EPROM x8存储
|
Toshiba, Corp. Glenair, Inc.
|
LTC3826IG-1 LTC3826IG-1-PBF LTC3826IG-1-TR LTC3826 |
30µA IQ, Dual, 2-Phase Synchronous Step-Down Controller; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 125°C 30μA IQ, Dual, 2-Phase Synchronous Step-Down Controller 30楼矛A IQ, Dual, 2-Phase Synchronous Step-Down Controller
|
LINEAR TECHNOLOGY CORP
|
ST1CC40PUR ST1CC40DR ST1CC40 |
3 A, 850 KHz, MONOLITHIC SYNCHRONOUS STEP-DOWN CONSTANT CURRENT LED DRIVER 3 A monolithic step-down current source with synchronous rectification
|
ST Microelectronics STMicroelectronics
|
LTC3412 |
2.5A, 4MHz, Monolithic Synchronous Step-Down Regulator 4MHz, 2.5A Synchronous Step-Down DC/DC Converter
|
Linear Technology
|
MB3883 MB388302 MB3883PV MB3883PFV |
6-ch DC/DC Converter IC with Synchronous Rectifier for Voltage Step-up and Step-down DSC/Camcoder DC/DC Converters
|
FUJITSU[Fujitsu Media Devices Limited]
|
SC2441 SC2441ITSTRT SC2441EVB |
Very Low Input Voltage 2-Phase Synchronous Step-down Controllers with Step-up Converter
|
Semtech Corporation
|
WD1015 WD1015EA |
1.5MHz, 1.0A, Step-down DC-DC Converter Synchronous Step-Down Regulator in SOT
|
TY Semiconductor Co., Ltd TY Semicondutor
|
5962-8994204QA 5962-8994201XX 5962-8994203QA |
High-Speed Step-Down Controller with Accurate Current Limit for Notebook Computers 3µs, 12-Bit ADC 1A/2.7A, 1MHz, Step-Down Regulators with Synchronous Rectification and Internal Switches 多模先进先出
|
Nihon Inter Electronics, Corp.
|
LTC1879 LTC1879EGN |
1.2A Synchronous Step-Down Regulator with 15mA Quiescent Current 1.2A Synchronous Step-Down Regulator with 15uA Quiescent Current
|
Linear Technology
|
LTC3822NBSP LTC3822 LTC3822EDD LTC3822EMSE |
No RSENSE, Low Input Voltage, Synchronous Step-Down DC/DC Controller No RSENSETM, Low Input Voltage, Synchronous Step-Down DC/DC Controller
|
Linear Technology
|
LTC3834 LTC3834EFE-PBF LTC3834EFE-TRPBF LTC3834EUF |
30µA IQ Synchronous Step-Down Controller; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 85°C 3 A SWITCHING CONTROLLER, 580 kHz SWITCHING FREQ-MAX, PDSO20 30µA IQ Synchronous Step-Down Controller; Package: QFN; No of Pins: 20; Temperature Range: -40°C to 125°C 3 A SWITCHING CONTROLLER, 580 kHz SWITCHING FREQ-MAX, PQCC20 30µA IQ Synchronous Step-Down Controller; Package: TSSOP; No of Pins: 20; Temperature Range: -40°C to 125°C 3 A SWITCHING CONTROLLER, 580 kHz SWITCHING FREQ-MAX, PDSO20 30μA IQ Synchronous Step-Down Controller 30楼矛A IQ Synchronous Step-Down Controller
|
Linear Technology, Corp.
|