PART |
Description |
Maker |
ADP3335 ADP3335ARM-18 ADP3335ARM-25 ADP3335ARM-285 |
0.3-16V; 200mW; 500MHz, high accuracy ultralow 500mA anyCAP low dropout regulator. For PCMCIA card, cellular phones, camcorders and cameras High Accuracy Ultralow IQ/ 500 mA anyCAP Low Dropout Regulator Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection High Accuracy Ultralow IQ, 500 mA anyCAP Low Dropout Regulator High Accuracy Ultralow Quiescent Current, 500mA, anyCAP?Low Dropout
|
Analog Devices, Inc. AD[Analog Devices] http://
|
CY2077 CY2077FSI CY2077SI CY2077ZC CY2077ZI CY2077 |
High-accuracy EPROM Programmable Single-PLL Clock Generator(高精度EPROM,可编程单PLL时钟发生 High-accuracy PLL with 12-bit multiplier and 10-bit divider
|
Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
MIC2033-05BYM6 |
High-Accuracy, High-Side, Fixed Current Limit Power Switch
|
Micrel Semiconductor
|
MAX807NCWET MAX807NCUET MAX807NCPE MAX807NEPE MAX8 |
Full-Featured µP Supervisory Circuit with ±1.5% Reset Accuracy
|
MAXIM - Dallas Semiconductor
|
PSN50 |
High Accuracy Power Sensor
|
Anritsu
|
MF58401-41 MF58103-34 MF58103-36 MF58503-40 MF58 M |
MINIATURE POWER RELAY HIGH ACCURACY NTC THERMISTORS TYPE
|
Electronic Theatre Controls, Inc. ETC[ETC]
|
MAX814 MAX814C MAX815 MAX815C MAX815CPA MAX815CSA |
-1% accuracy, low-power, microprocessor supervisory circuit. Reset trip threshold (min) 4.50V (max) 4.60V, push-pull active-low reset output, push-pull active-high reset output, manual reset, power-fail monitor, low-line detector. -1% accuracy, low-power, microprocessor supervisory circuit. Reset trip threshold (min) 3.00V (max) 3.06V, push-pull active-low reset output, manual reset, power-fail monitor, watchdog circuit. 【1% Accuracy, Low-Power, 3V and 5V レP Supervisory Circuits 1% Accuracy Low-Power 3V and 5V P Supervisory Circuits 1% Accuracy, Low-Power, 3V and 5V P Supervisory Circuits ±1% Accuracy, Low-Power, 3V and 5V μP Supervisory Circuits ??% Accuracy, Low-Power, 3V and 5V ?? Supervisory Circuits -1% accuracy, low-power, microprocessor supervisory circuit. Reset trip threshold (min) 3.00V (max) 3.06V, push-pull active-low reset output, push-pull active-high reset output, manual reset, power-fail monitor, low-line detector. -1% accuracy, low-power, microprocessor supervisory circuit. Reset trip threshold (min) 4.50V (max) 4.60V, push-pull active-low reset output, manual reset, power-fail monitor, watchdog circuit.
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] MAXIM INTEGRATED PRODUCTS INC
|
MIC5332-2.8YMT MIC5332-2.85YMT MIC5332-2.5YMT MIC5 |
Micro-Power High Performance Dual 300mA ULDO?/a> Micro-Power High Performance Dual 300mA ULDO⑩
|
Micrel Semiconductor
|
LMV824AIDT LMV822IQ2T LMV823IST LMV823AIST LMV822A |
Low power, high accuracy, general-purpose operational amplifier Low power, high accuracy, general-purpose operational amplifier
|
STMicroelectronics
|
DS2756E DS2756ETAMPR |
High-Accuracy Battery Fuel Gauge with Programmable Suspend Mode 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8
|
Maxim Integrated Products, Inc.
|