PART |
Description |
Maker |
A3-GPIN A4B-05PA-2DSA A3C-16DA-2DSC A4B-15PA-2DSA |
2mm Pitch Miniature Connector 2mm Pitch Miniature Connector
|
List of Unclassifed Man...
|
MA18M-44DA-2DSB MA18A-32DA-2DSA MA18A-32DA-2DSB MA |
TERM. F/O CABLE SC-SC/ DPLX/RISER/10M/GREEN MA18 series is a 2mm pitch FFC socket connector developed for miniature HDD and main port connection
|
Hirose Electric USA, INC. HIROSE[Hirose Electric]
|
P20-0445R |
PITCH 2.5mm HEIGHT 4.2mm 4-POS POGO PIN CONNECTOR
|
Harwin Plc
|
87333-4020 87333-3020 87333-4420 |
Header; No. of Contacts:40; Pitch Spacing:2mm; No. of Rows:2; Series:Mill-Grid; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Right Angle Pin 40 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header Connector,PCB Mnt,RECEPT,30 Contacts,PIN,0.079 Pitch,R ANGLE PC TAIL Terminal 30 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:44; Pitch Spacing:2mm; No. of Rows:2; Series:Mill-Grid; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Right Angle Pin 44 CONTACT(S), MALE, RIGHT ANGLE TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc.
|
GT12M-20_1DP-CV8.7R GT12M-20_1DPP-HU GT12M-20_1DS- |
21 CONTACT(S), MALE, TELECOM AND DATACOM CONNECTOR, SOLDER Coaxial Cable; Coaxial RG/U Type:62A; Impedance:93ohm; Conductor Size AWG:22; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Steel; Jacket Color:Black; Leaded Process Compatible:No RoHS Compliant: Yes 2 mm Pitch, Miniature ECU Connectors 2 mm Pitch/ Miniature ECU Connectors
|
Hirose Electric USA, INC. http:// HIROSE[Hirose Electric]
|
15-06-0066 15-06-0106 |
MiniFit BMI Plug Hsg Pan Mt V-0 6Ckt 6 CONTACT(S), MALE, POWER CONNECTOR, PLUG Connector Housing; Number of Contacts:10; Pitch Spacing:4.2mm; Number of Rows:2; Series:BMI; Connector Body Material:Nylon; Contact Termination:Crimp 10 CONTACT(S), MALE, POWER CONNECTOR, PLUG
|
Molex, Inc.
|
51065-1300 51065-1000 |
2MM 13CKT RECEPTACLE HOUS 13 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE Multipole Connector; Gender:Female; No. of Contacts:10; Series:50165; Body Material:PBT Polyester; No. of Rows:1; Pitch Spacing:0.079" RoHS Compliant: Yes 10 CONTACT(S), FEMALE, TWO PART BOARD CONNECTOR, CRIMP, RECEPTACLE
|
Molex, Inc.
|
87332-1820 87332-2420 87332-2220 87332-0420 |
Header; No. of Contacts:18; Pitch Spacing:2mm; No. of Rows:2; Series:Mill-Grid; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Surface Mount 18 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Header; No. of Contacts:24; Pitch Spacing:2mm; No. of Rows:2; Series:Mill-Grid; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Surface Mount 24 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT Header; No. of Contacts:22; Pitch Spacing:2mm; No. of Rows:2; Series:Mill-Grid; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Surface Mount 22 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SURFACE MOUNT
|
Molex, Inc. MOLEX INC
|
53015-0210 |
Header; No. of Contacts:2; Pitch Spacing:2mm; No. of Rows:1; Series:53015; Connector Body Material:Nylon; Mounting Type:PC Board; Terminal Type:Right Angle Pin
|
Molex
|
SQT-109-01-L-S SQT-150-01-L-D SQT-105-03-L-D SQT-1 |
2MM SOCKET STRIPS 9 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET CONN RCPT 2MM 100POS DL VERT PCB 100 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2MM SOCKET STRIPS 10 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2MM SOCKET STRIPS 40 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2MM SOCKET STRIPS 20 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 2MM SOCKET STRIPS 60 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET 31 CONTACT(S), FEMALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER, SOCKET
|
Samtec, Inc. SAMTEC INC
|
|