PART |
Description |
Maker |
AI85015 |
Twinax Pin Contact
|
Glenair, Inc.
|
TC554001AFI TC554001AFI-10 TC554001AFI-10L TC55400 |
524,228 WORDS x 8 BIT STATIC RAM 524228字8位静态RAM Circular Connector; No. of Contacts:55; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:17; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:17-35 RoHS Compliant: No LJT 39C 38#22D 1#8(TWINAX) PIN 524228 WORDS x 8 BIT STATIC RAM
|
Toshiba, Corp. Toshiba Corporation TOSHIBA[Toshiba Semiconductor]
|
PIC16LF870T/PQ PIC16LF870T/PT PIC16F871T-I/P PIC16 |
12MHZ CERAMIC RES,SMT CAT 5E CROSSOVER PATCH CORD CABLE GREEN 6 FT Multiconductor Commercial Audio Cable; Number of Conductors:3; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:LSPVC; Conductor Material:Copper; Features:Flamarrest Low-Smoke Jacket; Jacket Color:Natural RoHS Compliant: Yes Shielded Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes Sound/Security Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:33pF/ft RoHS Compliant: Yes 128 x 128 pixel format, LED or EL Backlight available 28/40-Pin 8位CMOS闪存微控制器 28/40-Pin 8-Bit CMOS FLASH Microcontrollers 28/40-Pin 8位CMOS闪存微控制器 SWITCH, SPNO SPNC ANTI-VANDAL 28/40-Pin 8位CMOS闪存微控制器
|
Microchip Technology Inc. Microchip Technology, Inc.
|
PD-8155-100 PD-8150-100 PD-8150 |
GaAs PIN PHOTODIODES PIN Photodiode with Mini-Size TO Package
|
Optoway Technology Inc
|
ICS9112M-44 ICS9112M-43 ICS9112-43 |
Frequency Generator for Gigabit Ethernet Systems 频率发生器千兆以太网系统 CABLE, 9272, TWINAX, PER M; Cores, No. of:2; Conductor make-up:7/28AWG; Area, conductor CSA:0.51mm2; Diameter, External:6.2mm; Material, secondary insulation:PVC; Colour, secondary insulation:Blue; Alpha type number:9815C RoHS Compliant: Yes Twinaxial Cable; Impedance:78ohm; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Conductor Material:Copper; Jacket Color:Blue; Leaded Process Compatible:No; Number of Conductors:2 RoHS Compliant: Yes
|
Integrated Circuit Syst... TE Connectivity, Ltd. Integrated Circuit Systems
|
A6802 A6801 |
Gigabit Dual Transformers - For Use with 150 Ohm Twinax Cable (1/99) GIGABIT DUAL TRANSFORMERS For Use with 150 W Twinax Cable
|
PULSE[Pulse A Technitrol Company]
|
PD-1351-X PD-1350-T PD-1351-S PD-1351-T PD-1350-F |
Mini-Size InGaAs PIN PD MODULE InGaAs PIN PHOTODIODE WITH SINGLE-MODE FIBER PIGTAIL 迷你尺寸铟镓砷PIN码帕金森模块铟镓砷PIN光电二极管与单模光纤尾纤
|
Optoway Technology Inc. Optoway Technology, Inc.
|
PTJ90 |
PTJ90 Series Dual Concentric Shaft Panel Control w/Push-Push Switch
|
Bourns Electronic Solutions
|
TCJ-5.5-A TCJ-5.5-B |
150 Ohm Twinax Cable Dual Gigabit Transformers
|
Nuvotem Talema
|
N28005MGN |
SFP plus 10Gbase-CU Passive Twinax Copper Cable,Green, 5M (16-ft.)
|
Tripp Lite. All Rights ...
|
PS7112-1A PS7112L PS7112L-1A PS7112L-1A-E3 PS7112L |
6-PIN DIP, 200 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET 6引脚DIP00毫安的连续负载电1通道光学耦合场效应晶体管 Coaxial Cable; Coaxial RG/U Type:174; Impedance:50ohm; Conductor Size AWG:26; No. Strands x Strand Size:7 x 34; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Voltage Nom.:300V RoHS Compliant: Yes Solid State Relay(固态继电器) 6-PIN DIP / 200 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET 6-PIN DIP 200 mA CONTINUOUS LOAD CURRENT 1-ch Optical Coupled MOS FET
|
NEC, Corp. NEC Corp. NEC[NEC]
|
0508967325 50896-7325 |
Wire Pin Terminal, Type A, for 6 AWG Wire, Pin Size 4.50mm (.178") Square Wire Pin Terminal, Type A, for 6 AWG Wire, Pin Size 4.50mm (.178) Square
|
Molex Electronics Ltd.
|