PART |
Description |
Maker |
GBPC25 GBPC GBPC35 GBPC12 GBPC15 GBPC2504 GBPC3504 |
12, 15, 25, 35 Ampere Glass Passivated Bridge Rectifiers Aluminum Polymer Radial Lead Capacitor; Capacitance: 680uF; Voltage: 6.3V; Case Size: 10x13 mm; Packaging: Bulk 12/ 15/ 25/ 35 Ampere Glass Passivated Bridge Rectifiers 25 Ampere Glass Passivated Bridge Rectifiers(玻璃钝化桥整流器(平均整流电5A,重复反相电压峰00V)) 25 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 35 Ampere Glass Passivated Bridge Rectifiers(玻璃钝化桥整流器(平均整流电35A,重复反相电压峰00V)) 35 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 35 Ampere Glass Passivated Bridge Rectifiers(玻璃钝化桥整流器(平均整流电35A,重复反相电压峰00V)) 35 A, 800 V, SILICON, BRIDGE RECTIFIER DIODE 35 Ampere Glass Passivated Bridge Rectifiers(玻璃钝化桥整流器(平均整流电35A,重复反相电压峰00V)) 35 A, 600 V, SILICON, BRIDGE RECTIFIER DIODE 12, 15, 25, 35 Ampere Glass Passivated Bridge Rectifiers 12555安培玻璃钝化整流 25 Ampere Glass Passivated Bridge Rectifiers(?荤????妗ユ?娴??锛?钩???娴??娴?5A锛??澶???哥???嘲??00V)) 15 Ampere Glass Passivated Bridge Rectifiers(?荤????妗ユ?娴??锛?钩???娴??娴?5A锛??澶???哥???嘲??00V))
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp.
|
3SMC8.0CA 3SMC8.5CA 3SMC85CA 3SMC6.0CA 3SMC6.5CA 3 |
Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(??ぇ???宸ヤ??靛?.0V,????荤???????????靛?????? Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电.0V,双向玻璃钝化节点瞬变电压抑制 3000 W, BIDIRECTIONAL, SILICON, TVS DIODE SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS, 5.0 THRU 170 VOLTS 3000 W, BIDIRECTIONAL, SILICON, TVS DIODE Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电9.0V,双向玻璃钝化节点瞬变电压抑制 3000 W, BIDIRECTIONAL, SILICON, TVS DIODE Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电7.0V,双向玻璃钝化节点瞬变电压抑制 Bi-Directional Glass Passivated Junction Transient Voltage Suppressors(最大反向工作电6.5V,双向玻璃钝化节点瞬变电压抑制 SURFACE MOUNT BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 WATTS/ 5.0 THRU 170 VOLTS
|
http:// Vishay Intertechnology, Inc. Central Semiconductor, Corp. Central Semiconductor Corp.
|
60S05-13 |
6 Amp Axial-Lead Glass Passivated Rectifier 50 - 1000 Volts Glass Passivated Chip
|
Micro Commercial Compon...
|
PR1504GS-A PR1502GS-A PR1507GS-A PR1504GS-B |
1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER 1.5 A, 400 V, SILICON, RECTIFIER DIODE, DO-41 1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER 1.5 A, 100 V, SILICON, RECTIFIER DIODE, DO-41 1.5A FAST RECOVERY GLASS PASSIVATED RECTIFIER 1.5 A, 1000 V, SILICON, RECTIFIER DIODE, DO-41
|
Diodes, Inc.
|
FM501 FM502 FM503 FM504 FM505 FM506 FM507 |
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIER (GLASS PASSIVATED SILICON RECTIFIER)
|
RECTRON[Rectron Semiconductor]
|
CD214B-R3200 CD214B-R350 CD214B-R3800 CD214B-R3100 |
CD214B-R350~R31000 Glass Passivated Rectifiers 3 A, 200 V, SILICON, RECTIFIER DIODE, DO-214AA CD214B-R350~R31000 Glass Passivated Rectifiers 3 A, 50 V, SILICON, RECTIFIER DIODE, DO-214AA CD214B-R350~R31000 Glass Passivated Rectifiers 3 A, 800 V, SILICON, RECTIFIER DIODE, DO-214AA CD214B-R350~R31000 Glass Passivated Rectifiers 3 A, 1000 V, SILICON, RECTIFIER DIODE, DO-214AA
|
Bourns, Inc. BOURNS INC
|
GBL400G GBL401G GBL406G |
4.0Amp GLASS PASSIVATED BRIGGE Rectifiers GLASS PASSIVATED
|
First Components International First Components Intern...
|
SF10HG-T SF10GG-A SF10GG-T SF10GG-B SF10JG-T SF10J |
1.0A SUPER-FAST GLASS PASSIVATED RECTIFIER 1 A, 600 V, SILICON, SIGNAL DIODE, DO-41 1.0A SUPER-FAST GLASS PASSIVATED RECTIFIER 1 A, 500 V, SILICON, SIGNAL DIODE, DO-41
|
Diodes Inc. Diodes, Inc.
|
SF30HG-T SF30GG-T SF30GG-B SF30AG-B SF30EG DIODESI |
3.0A SUPER-FAST GLASS PASSIVATED RECTIFIER 3 A, 50 V, SILICON, RECTIFIER DIODE, DO-201AD 3.0A SUPER-FAST GLASS PASSIVATED RECTIFIER 3.0A的超快速玻璃钝化整
|
Diodes Inc. Diodes, Inc.
|
|