PART |
Description |
Maker |
BUK212-50Y BUK212_217_50Y-01 BUK217-50Y |
BUK212-50Y; BUK217-50Y; Single channel high-side TOPFET(tm) Single channel high-side TOPFET⑩ From old datasheet system Single channel high-side TOPFET TM Single channel high-side TOPFET垄芒 Single channel high-side TOPFET?/a> 25 A BUF OR INV BASED PRPHL DRVR, PSSO4 Single channel high-side TOPFET??/span>
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
IDT6168LA85EB IDT6168SA85EB IDT6168LA20LB IDT6168S |
High and Low Side Driver, All High Voltage Pins On One Side, Separate Logic and Power Ground, Shut-Down, High Creepage Package x4 SRAM x4的SRAM High and Low Side Driver x4的SRAM
|
Electronic Devices, Inc. Pyramid Semiconductor, Corp.
|
UC2635DW UC2635DWTR UC2635Q UC2635QTR UC2635J UC26 |
Iso high side smart power solid state relay Single channel high side driver with analog current sense for automotive applications Phase-Locked Loop
|
|
HIP6602B |
MOSFET Driver, Quad N-Channel, 12V Low Side, 5/12V High Side, use with Multiphase Controller, POR=7.6V
|
Intersil
|
PS7241C-AT5F3 PS7241C-AT1F4 PS7241C-AT5F4 |
FET-OUTPUT OPTOCOUPLER High and Low Side Driver, Noninverting Inputs; A IR2101 packaged in a 8-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs in a 8-pin DIP package; A IR2106 packaged in a Lead-Free 14-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs, All High Voltage Pins on One Side, Separate Logic and Power Ground in a 14-pin DIP package; A IRS21064 packaged in a Lead-Free 14-Lead PDIP 场效应管输出光耦合 High and Low Side Driver, Noninverting Inputs; A IR2101S with Standard Packaging 场效应管输出光耦合
|
NEC, Corp.
|
MIC446705 MIC44XXBWM MIC446711 MIC4468 MIC4469BWM |
Quad 1.2A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS 1.2 A 4 CHANNEL, AND GATE BASED MOSFET DRIVER, PDSO16 MOSFET Driver IC; MOSFET Driver Type:Quad Drivers, Low Side H Bridge; Peak Output High Current, Ioh:1.2A; Rise Time:14ns; Fall Time, tf:13ns; Load Capacitance:1000pF; Package/Case:16-SOIC; No. of Drivers:4; Supply Voltage Max:18V RoHS Compliant: Yes
|
Micrel Semiconductor MICREL INC
|
VNQ810-E |
QUAD CHANNEL HIGH SIDE DRIVER
|
ST Microelectronics
|
VND810 VND81013TR |
DOUBLE CHANNEL HIGH SIDE DRIVER
|
STMICROELECTRONICS[STMicroelectronics]
|
VN808SR08 |
Octal channel high side driver
|
STMicroelectronics
|
VN920-12-E VN920-E |
Single-channel high side driver
|
STMicroelectronics
|
VNQ830M VNQ830M13TR |
QUAD CHANNEL HIGH SIDE DRIVER QUAD CHANNEL HIGH SIDE DRIVER
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
VNQ6040STR-E |
Quad-channel high-side driver
|
ST Microelectronics
|