PART |
Description |
Maker |
IRS21814STRPBF |
High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs, All High Voltage Pins On One Side, and SPLG
|
International Rectifier
|
IRS2106STRPBF |
High and Low Side Driver, SoftTurn-On, Noninverting Inputs, All High Voltage Pins on One Side, SPLG
|
International Rectifier
|
AM29707DC AM29707LC AM29707PC AM29705/BXA AM29705A |
Dual Low Side Driver in a 8-pin DIP package; A IR4427 packaged in a 8-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs in a 8-pin DIP package; A IR2181 packaged in a Lead-Free 8-Lead SOIC Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, All high Voltage Pins on One Side, Programmable 540-5000ns Deadtime in a 14-pin DIP package; A IRS21094 packaged in a Lead-Free 14-Lead SOIC High voltage, high speed power MOSFET and IGBT driver with dependent high side and low side referenced output channels packaged in a 8-Pin SOIC; A IRS2609DSPBF with Standard Packaging x4 SRAM Half Bridge Driver, Soft Turn-On, Single Input Plus Shut-Down, All high Voltage Pins on One Side, Programmable 540-5000ns Deadtime in a 14-pin DIP package; A IRS21094 packaged in a Lead-Free 14-Lead PDIP High and Low Side Driver, SoftTurn-On, Noninverting Inputs, Separate High and Low Side Inputs in a 8-pin DIP package; A IR2181 packaged in a 8-Lead SOIC x4SRAM
|
|
RIC7113A4 |
RadHard High and Low Side 400V MOSFET and IGBT Gate Driver RADIATION HARDENED HIGH AND LOW SIDE GATE DRIVER
|
IRF[International Rectifier]
|
CAT24FC256 CAT24FC256JA CAT24FC256JE CAT24FC256JI |
256K-Bit I2C Serial CMOS EEPROM 256K位I2C串行CMOS EEPROM LM5100/LM5101 High Voltage High Side and Low Side Gate Driver; Package: LLP; No of Pins: 10 256K位I2C串行CMOS EEPROM LM5100A/B/C LM5101A/B/C 3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers; Package: LLP; No of Pins: 10 LM5100A/B/C LM5101A/B/C 3A, 2A and 1A High Voltage High-Side and Low-Side Gate Drivers; Package: SOIC NARROW; No of Pins: 8 Serial EEPROM, Full Array Write Protect, 256Kb, 400kHz
|
ITT, Corp. NXP Semiconductors N.V. CATALYST[Catalyst Semiconductor]
|
MAX1614 MAX1614EUA 1669 MAX1614C_D MAX1614C/D |
High-Side / N-Channel MOSFET Switch Driver High-Side, N-Channel MOSFET Switch Driver From old datasheet system RJ11 AND RJ45 2-15 POS CRIM
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
IR2304IR2304S IR2304 IR2304S |
High and Low Side Driver, SoftTurn-On, Noninverting Inputs in a 8-lead SOIC package High and Low Side Driver, SoftTurn-On, Noninverting Inputs in a 8-pin DIP package HALF-BRIDGE DRIVER
|
International Rectifier
|
IRS21952SPBF-15 |
HIGH SIDE & DUAL LOW SIDE DRIVER IC
|
International Rectifier
|
IRS21953SPBF |
HIGH SIDE & DUAL LOW SIDE DRIVER IC
|
International Rectifier
|
IRS21952STRPBF IRS21952SPBF |
HIGH SIDE & DUAL LOW SIDE DRIVER IC
|
International Rectifier
|
MIC501806 MIC5018BM4 |
IttyBitty垄芒 High-Side MOSFET Driver IttyBitty?/a> High-Side MOSFET Driver
|
Micrel Semiconductor
|
INT201 INT201PFI INT201TFI INT201PF1NBSP INT201PF1 |
Floating Inputs Floating High-side Drive High-side Driver IC From old datasheet system
|
Power Integrations Inc. POWERINT[Power Integrations Inc.] POWERINT[Power Integrations, Inc.]
|