PART |
Description |
Maker |
ZXMP2120G4 ZXMP2120G4TA ZXMP2120G4TC |
200V P-CHANNEL ENHANCEMENT MODE MOSFET 200 mA, 200 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET, TO-261AA
|
Diodes Incorporated Zetex Semiconductor PLC
|
MTP6N60EWC MTP6P20EW MTP6P20EWC MTP3N100E16 MTP3N1 |
6 A, 600 V, 1.2 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 6 A, 200 V, 1 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-220AB 3 A, 1000 V, 4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 8 A, 200 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 18 A, 200 V, 0.18 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 33 A, 100 V, 0.058 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 4 A, 800 V, 3 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 50 V, 0.1 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 12 A, 60 V, 0.15 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 15 A, 60 V, 0.12 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 50 A, 50 V, 0.028 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB 20 A, 60 V, 0.085 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Motorola Mobility Holdings, Inc. MOTOROLA INC
|
JANTX2N6766 |
N Channel MOSFET; Package: TO-204AE; ID (A): 30; PD (W): 150; BVDSS (V): 200; Rq: 0.83; 30 A, 200 V, 0.065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-204AE
|
Microsemi, Corp.
|
IRF230-233 IRF231 IRF232 IRF233 MTP12N18 MTP12N20 |
N-Channel Power MOSFETs, 12A, 150-200 V 9 A, 200 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB N-Channel Power MOSFETs, 12A, 150-200 V N沟道功率MOSFET,第12A50-200 V (MTP12N18 / MTP12N20) N-Channel Power MOSFETs N-Channel Power MOSFETs/ 12A/ 150-200 V N-Channel Power MOSFETs 12A 150-200 V
|
http:// Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
AP9120GH-HF AP9120GJ-HF AP9120GH-HF-14 AP9120GJ-HF |
8 A, 200 V, 0.68 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-252 HALOGEN FREE AND ROHS COMPLIANT PACKAGE-3 8 A, 200 V, 0.68 ohm, P-CHANNEL, Si, POWER, MOSFET, TO-251 HALOGEN FREE AND ROHS COMPLIANT PACKAGE-3 N-CHANNEL ENHANCEMENT MODE POWER MOSFET Lower On-resistance Simple Drive Requirement
|
Advanced Power Electronics, Corp. Advanced Power Electronics Corp. Advanced Power Electronics ...
|
MSAFZ33N20A MSAEZ33N20A MSAEZ30N20A MSAFZ30N20A |
LJT 39C 37#20 2#16 SKT PLUG 33 A, 200 V, 0.07 ohm, N-CHANNEL, Si, POWER, MOSFET Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:11-35 RoHS Compliant: No N-CHANNEL ENHANCEMENT MODE POWER MOSFET N Channel MOSFET
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
BSP220/T3 BSP92-T |
225 mA, 240 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET SOT-223, 4 PIN 0.18 A, 200 V, 20 ohm, P-CHANNEL, Si, POWER, MOSFET
|
NXP Semiconductors N.V.
|
BSS138DW09 BSS138DW-7-F |
DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR MOSFET DUAL N-CHAN 50V SOT363 200 mA, 50 V, 2 CHANNEL, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
Diodes Incorporated Diodes, Inc.
|
FQP5N20L |
200V LOGIC N-Channel MOSFET 4.5 A, 200 V, 1.25 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
FDPF39N20 FDP39N20 FDP39N20_07 FDP39N2007 |
200V N-Channel MOSFET 39 A, 200 V, 0.066 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-220AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
FQI630 FQB630 |
200V N-Channel MOSFET 9 A, 200 V, 0.4 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
|