PART |
Description |
Maker |
NJM2340 |
Switching Regulator IC / DMP8 / TVSP8
|
JRC
|
MC33363B MC33363BP |
HIGH VOLTAGE OFF-LINE SWITCHING REGULATOR Isolated Flyback Switching Regulator with 9V Output 1 A SWITCHING REGULATOR, 315 kHz SWITCHING FREQ-MAX, PDIP13
|
Motorola ON Semiconductor
|
NCP1000 NCP1001P NCP1002P NCP1000P NCP1001 NCP1002 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 2 A SWITCHING REGULATOR, 115 kHz SWITCHING FREQ-MAX, PDIP8 (NCP1000 - NCP1002) Integrated Off-Line Switching Regulator
|
ONSEMI[ON Semiconductor]
|
LT3493-3 LT3493EDCB-3 |
1.2A, 750kHz Step-Down Switching Regulator in 2mm × 3mm DFN 2.2 A SWITCHING REGULATOR, 815 kHz SWITCHING FREQ-MAX, PDSO6
|
LINEAR TECHNOLOGY CORP
|
MM3010 MM3005C MM3005 MM3006 MM3009 MM3008 MM3005A |
0.3 A SWITCHING REGULATOR, 57.5 kHz SWITCHING FREQ-MAX, PDSO5 CMOS Switching Regulator (PWM controlled)
|
MITSUMI ELECTRIC CO LTD MITSUMI[Mitsumi Electronics, Corp.]
|
BD8960NV-E2 BD8960NV10 |
2 A SWITCHING REGULATOR, 1200 kHz SWITCHING FREQ-MAX, PDSO8 5 X 6 MM, ROHS COMPLIANT, SON-8 Low Noise High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
|
Rohm
|
NCP1050ST100 NCP1050ST44 NCP1052P136 NCP1050/D NCP |
Monolithic High Voltage Gated Oscillator Power Switching Regulator 2 A SWITCHING REGULATOR, 50 kHz SWITCHING FREQ-MAX, PDSO4 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器 RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 2 A SWITCHING REGULATOR, 154 kHz SWITCHING FREQ-MAX, PDIP8 24 Characters x 2 Lines, 5x7 Dot Matrix Character and Cursor 24字符X2行,5X7点矩阵字符和光标
|
ON Semiconductor
|
LM2574DW-ADJ LM2574N-15 LM2574N-3.3 LM2574N-5 MOTO |
Dust cover; HRS No: 222-0135-3 00; No. of Positions: 6; Operating Temperature Range (degrees C): -25 to 60; General Description: Dust cover; Natural 1.8 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PDIP8 EASY SWITCHER 0.5 A STEP-DOWN VOLTAGE REGULATOR 1.8 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PDSO16
|
MOTOROLA INC ON Semiconductor
|
BA9736 BA9736KV A5801101 |
Regulator LSIs > Switching regulator From old datasheet system 6-channel switching regulator controller
|
ROHM[Rohm] http://
|
BA9737KV A5800964 |
Regulator LSIs > Switching regulator 4-channel switching regulator controller From old datasheet system
|
ROHM[Rohm]
|
LNK500GN-TL LNK500PN |
IC SWITCHER CV CV/CC EFF 8SMD 0.4 A SWITCHING REGULATOR, 49.5 kHz SWITCHING FREQ-MAX, PDSO7 0.4 A SWITCHING REGULATOR, 49.5 kHz SWITCHING FREQ-MAX, PDSO7 LEADS FREE, PLASTIC, SMT, DIP-8 IC SWITCHER CV CV/CC EFF 8DIP 0.4 A SWITCHING REGULATOR, 49.5 kHz SWITCHING FREQ-MAX, PDIP7 Energy Efficient, CV or CV/CC Switcher for Very Low Cost Adapters and Chargers
|
Power Integrations, Inc.
|
LTC1736C LTC1736I LTC1736CGTRPBF |
5-Bit Adjustable High Efficiency Synchronous Step-Down Switching Regulator; Package: SSOP; No of Pins: 24; Temperature Range: 0°C to 70°C 3 A SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDSO24 Isolated Flyback Switching Regulator with 9V Output 隔离反激式开关稳9V输出
|
Linear Technology, Corp.
|