PART |
Description |
Maker |
IPP023N10N5 |
N-channel, normal level
|
Infineon Technologies A...
|
IPD400N06NG IPD400N06NG08 |
OptiMOS? Power-Transistor Features N-channel enhancement - normal level Avalanche rated OptiMOS庐 Power-Transistor Features N-channel enhancement - normal level Avalanche rated
|
Infineon Technologies AG
|
IPZ40N04S5-5R4 IPZ40N04S5-5R4-15 |
N-channel - Enhancement mode - Normal Level
|
Infineon Technologies A...
|
IPG16N10S4-61A |
Dual N-channel Normal Level - Enhancement mode
|
Infineon Technologies A...
|
IPG20N10S4-36A IPG20N10S4-36A-15 |
Dual N-channel Normal Level - Enhancement mode
|
Infineon Technologies A...
|
IPB530N15N3G IPB530N15N3G-13 IPP530N15N3G IPI530N1 |
N-channel, normal level N-channel, normal level
|
Infineon Technologies A...
|
IPB027N10N5 |
N-channel, normal level
|
Infineon Technologies A...
|
MAX3000 MAX3000E MAX3000EEUP MAX3001EAUP MAX3001EE |
1.2V to 5.5V, /-15kV ESD-protected, 0.1mA, 35Mbp, 8-channel level translator 1.2V to 5.5V, 15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, ±15kV ESD-Protected, 0.1µA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V / 15kV ESD-Protected / 0.1A / 35Mbps / 8-Channel Level Translators 1.2V to 5.5V, ±15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 15kV ESD-Protected, 0.1A, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 【15kV ESD-Protected, 0.1レA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 【15kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V 15kV ESD-Protected 0.1UA 35Mbps 8-Channel Level Translators RES 2.55K-OHM 1% 0.1W 100PPM THICK-FILM SMD-0603 5K/REEL-7IN-PA Fixed-Point Digital Signal Processor 532-FCBGA 6 Pin, DIP, Phototransistor Detector w/ Base, CTR 30 min @ 1mA, 5V Optocoupler 1.2V to 5.5V, 5kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators 1.2V5.5Vamp;plusmn;15kV ESD保护.1µA5Mbps通道电平转换 1.2V to 5.5V, ??5kV ESD-Protected, 0.1UA, 35Mbps, 8-Channel Level Translators
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
KAQW614S |
SSR MOSFET Output, Normal Close Normal Open Type
|
Cosmo Electronics
|
KAQW614 |
SSR MOSFET Output, Normal Close Normal Open Type
|
Cosmo Electronics
|
SUP40N06-25L SUB40N06-25L |
N-Channel Enhancement-Mode MOSFETs, Logic Level N-Channel 60-V (D-S), 175 Degrees Celcious MOSFET, Logic Level
|
VISAY[Vishay Siliconix]
|
MAX3008EBP-T MAX3003EBP-T MAX3003ETP MAX3003EUP MA |
SPECIALTY INTERFACE CIRCUIT, QCC20 1.2V to 5.5V, ±15kV ESD-Protected, 0.1μA, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 卤15kV ESD-Protected, 0.1渭A, 35Mbps, 8-Channel Level Translators 1.2V to 5.5V, 隆戮15kV ESD-Protected, 0.1楼矛A, 35Mbps, 8-Channel Level Translators
|
MAXIM INTEGRATED PRODUCTS INC
|
|