PART |
Description |
Maker |
50RIA40M 50RIA40S90 50RIA120 50RIA80S90M 50RIA 50R |
100V 50A Phase Control SCR in a TO-208AC (TO-65) package 800V 50A Phase Control SCR in a TO-208AC (TO-65) package 1000V 50A Phase Control SCR in a TO-208AC (TO-65) package 400V 50A Phase Control SCR in a TO-208AC (TO-65) package 1600V 80A Phase Control SCR in a TO-208AC (TO-65) package 1200V 50A Phase Control SCR in a TO-208AC (TO-65) package 1400V 80A Phase Control SCR in a TO-208AC (TO-65) package 600V 50A Phase Control SCR in a TO-208AC (TO-65) package MEDIUM POWER THYRISTORS Silicon Controlled Rectifier, 80 A, 1600 V, SCR, TO-208AC, TO-65, 2 PIN
|
IRF[International Rectifier] Vishay Semiconductors
|
N275CH04 N275CH04LOO N275CH04KOO N275CH04HOO N275C |
769.3 A, 400 V, SCR, TO-200AB 5565.65 A, 400 V, SCR 1640.65 A, 600 V, SCR, TO-200AC 36.11 A, 1200 V, SCR, TO-48 2614.05 A, 1400 V, SCR 3799.4 A, 3400 V, SCR 2610.91 A, 2600 V, SCR 133.45 A, 800 V, SCR 4474.5 A, 4200 V, SCR 3925 A, 4500 V, SCR 3925 A, 4400 V, SCR 2692.55 A, 1600 V, SCR 70.65 A, 200 V, SCR, TO-65 3595.3 A, 400 V, SCR 3595.3 A, 200 V, SCR 4003.5 A, 2800 V, SCR 1428.7 A, 1800 V, SCR, TO-200AC 1428.7 A, 1600 V, SCR, TO-200AC 612.3 A, 1600 V, SCR 32.97 A, 1000 V, SCR, TO-48 98.91 A, 1000 V, SCR, TO-65
|
Westcode Semiconductors, Ltd. WESTCODE SEMICONDUCTORS LTD
|
GPTK2126 |
1600 V phase controlled SCR
|
Green Power
|
GETG2043 |
1600 V phase controlled SCR
|
Green Power
|
D390CH18E3L2 D390CH18E3L3 D390CH18E3L4 D390CH18E3L |
2426 A, 1800 V, SCR 1125 A, 1200 V, SCR, TO-200AB 1950 A, 800 V, SCR, TO-200AC 5087 A, 1600 V, SCR 5087 A, 1800 V, SCR 2749 A, 1800 V, SCR 2749 A, 800 V, SCR 2110 A, 3000 V, SCR 2749 A, 600 V, SCR 1895 A, 1000 V, SCR, TO-200AC 2268 A, 1200 V, SCR 5260 A, 1200 V, SCR 1690 A, 800 V, SCR, TO-200AC 2749 A, 1600 V, SCR 5260 A, 1600 V, SCR 2749 A, 1000 V, SCR 1765 A, 1200 V, SCR, TO-200AC 1765 A, 1600 V, SCR, TO-200AC 2749 A, 1200 V, SCR 2749 A, 400 V, SCR 1030 A, 800 V, SCR, TO-200AB 1715 A, 600 V, SCR, TO-200AC 3140 A, 600 V, SCR 2600 A, 1200 V, SCR
|
Westcode Semiconductors, Ltd. WESTCODE SEMICONDUCTORS LTD
|
180RKI100 181RKI100 181RKI80 180RKI 180RKI40 180RK |
Silicon Controlled Rectifier, 285 A, 800 V, SCR, TO-209AB, HERMETIC SEALED, GLASS METAL, TO-93, 3 PIN 400V 180A Phase Control SCR in a TO-209AB (TO-93) package 1000V 180A Phase Control SCR in a TO-209AB (TO-93) package 800V 180A Phase Control SCR in a TO-209AB (TO-93) package PHASE CONTROL THYRISTORS POTTING BOX COVER 相位控制晶闸
|
Vishay Semiconductors IRF[International Rectifier] International Rectifier, Corp.
|
T820900A T820149004DH T820129004DH |
1200V, 900A phase control single thyristor Phase Control SCR 900 Amperes Average 1600 Volts Phase Control SCR (900 Amperes Average 1600 Volts) 1400V, 900A phase control single thyristor
|
POWEREX[Powerex Power Semiconductors]
|
VWO50-16IO7 |
Three Phase AC Controller Modules 36 A, 1600 V, SCR
|
IXYS, Corp.
|
VGO55-16IO7 |
Single Phase Rectifier Bridge 41 A, 1600 V, SCR
|
IXYS, Corp.
|
C180PM C180B C180D C180M C180N C180P C180PB C180PD |
Phase Control SCR 150 Amperes Average 1600 Volts Phase Control SCR 150 Amperes Avg 100-1300 Volts
|
Powerex Power Semiconductor... POWEREX[Powerex Power Semiconductors]
|
110RKI40 111RKI40 111RKI80 110RKI 110RKI120 110RKI |
Silicon Controlled Rectifier, 172 A, 400 V, SCR, TO-209AC, HERMETIC SEALED, CERAMIC, TO-94, 3 PIN 800V 110A Phase Control SCR in a TO-209AC (TO-94C) package 400V 110A Phase Control SCR in a TO-209AC (TO-94C) package PHASE CONTROL THYRISTORS Silicon Controlled Rectifier, 172 A, 1200 V, SCR, TO-209AC, HERMETIC SEALED, CERAMIC, TO-94, 3 PIN
|
IRF[International Rectifier] Vishay Semiconductors
|
VHF15-16IO5 VHF15-08IO5 VHF15-12IO5 VHF15-14IO5 VH |
Power Modules/Rectifier Bridge Modules: Single Phase Half-control Bridges / Single Phase, Full-control Rectifier Bridges From old datasheet system Half Controlled Single Phase Rectifier Bridge(VRRM00-1600V的半桥控制单相位整流 Insulation Displacement (IDC) Connector; No. of Contacts:60; Contact Termination:IDC; Gender:Female; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Pitch Spacing:0.05" RoHS Compliant: Yes 15 A, 800 V, SCR Half Controlled Single Phase Rectifier Bridge 15 A, 1200 V, SCR
|
IXYS[IXYS Corporation] IXYS, Corp.
|
|