PART |
Description |
Maker |
GC102SN7011020F GC102SN7011022FS GC102SN7011012F G |
Bar clamp for hockey punks
|
Green Power
|
GC102SN7011020R GC102SN7011020RD GC102SN7011022RS |
Bar clamp for hockey punks
|
Green Power
|
GC70SN5011012R GC70SN5011012RD GC70SN5011012RS GC7 |
Bar clamp for hockey punks
|
Green Power
|
GC11822R GC11824R GC11830R GC11832R |
BAR CLAMP FOR HOCKEY PUK DEVICES
|
Green Power Solutions srl
|
GC7910F GC7020F GC7912F GC7915F GC79BF GC79F GC79S |
BAR CLAMP FOR HOCKEY PUK DEVICES
|
Green Power Solutions srl
|
GC8924F GC8912F GC8920F GC8916F GC89BF GC89F GC89S |
BAR CLAMP FOR HOCKEY PUK DEVICES
|
Green Power Solutions srl
|
GB52 GB52B GB52F GB52M |
BOX CLAMP FOR HOCKEY PUKS DO-200 AA, B-3, TO-200AB (A AND E TYPE)
|
Green Power Solutions srl
|
GBF10 GBM08 |
BOX CLAMP FOR HOCKEY PUKS DO-200 AA, B-3, TO-200AB (A AND E TYPE)
|
Green Power Solutions srl
|
SPLBG98 SPLBW81 SPLBS94 SPLBX83 SPLBX98 SPLBX94 SP |
Unmounted Laser Bar 40 W, 980 nm Unmounted Laser Bar 20 W, 808 nm Unmounted Laser Bar 100 W, qcw Unmounted Laser Bar 30 W, 830 nm Unmounted Laser Bar 30 W, 980 nm Unmounted Laser Bar 30 W, 940 nm Unmounted Laser Bar 30 W, 808 nm
|
Infineon
|
700PE40 900PE40 900PE60 700PE60 700PE80 |
V(rrm/drm): 400V; 1100A RMS hockey puk thyristor V(rrm/drm): 400V; 1410A RMS hockey puk thyristor V(rrm/drm): 600V; 1410A RMS hockey puk thyristor V(rrm/drm): 600V; 1100A RMS hockey puk thyristor V(rrm/drm): 800V; 1100A RMS hockey puk thyristor
|
International Rectifier
|
25.840.3253.0 |
Terminal Block; No. of Positions:2; Pitch Spacing:5.08mm; Wire Size (AWG):12; Mounting Type:PC Board; Body Material:Polyamide 6.6; Current Rating:12A; No. of Contacts:2; No. of Rows:1; Terminal Block Clamp Type:Spring Clamp RoHS Compliant: Yes
|
WIELAND ELECTRIC INC
|