PART |
Description |
Maker |
CMLD6263A CMLD6263S CMLD6263C |
SMD Schottky Diode Dual Pair: High Voltage: Common Anode SMD Schottky Diode Dual Pair: High Voltage: In Series SMD Schottky Diode Dual Pair: High Voltage: Common Cathode SURFACE MOUNT PICOmini??DUAL PAIR, HIGH VOLTAGE SILICON SCHOTTKY DIODES SURFACE MOUNT PICOmini⑩ DUAL PAIR, HIGH VOLTAGE SILICON SCHOTTKY DIODES SURFACE MOUNT PICOmini DUAL PAIR, HIGH VOLTAGE SILICON SCHOTTKY DIODES
|
CENTRAL[Central Semiconductor Corp]
|
APT2X100S20J APT2X101S20J |
HIGH VOLTAGE SCHOTTKY DIODES 高压肖特基二极管 CONNECTOR ACCESSORY 高压肖特基二极管 DUAL DIE ISOTOP PACKAGE HIGH VOLTAGE SCHOTTKY DIODES 200V 100A
|
Microsemi, Corp. Advanced Power Technology, Ltd.
|
MBR10100CT MBR10200CT |
10A SCHOTTKY BARRIER DIODE Dual High Voltage Schottky Rectifier
|
Tak Cheong Electronics (Holdings) Co.,Ltd
|
ADP3307ART-3-REEL ADP3307ART-3-REEL7 ADP3307ART-2. |
OutputV: 3.3V; high accuracy anyCAP 100mA low dropout lionear regulator. For cellular telephones, notebook, palmtop computers, battery powered systems, PCMCIA regulator, bar code scanners, camcorders, cameras OutputV: 3.2V; high accuracy anyCAP 100mA low dropout lionear regulator. For cellular telephones, notebook, palmtop computers, battery powered systems, PCMCIA regulator, bar code scanners, camcorders, cameras OutputV: 2.85V; high accuracy anyCAP 100mA low dropout lionear regulator. For cellular telephones, notebook, palmtop computers, battery powered systems, PCMCIA regulator, bar code scanners, camcorders, cameras OutputV: 2.7V; high accuracy anyCAP 100mA low dropout lionear regulator. For cellular telephones, notebook, palmtop computers, battery powered systems, PCMCIA regulator, bar code scanners, camcorders, cameras High Accuracy anyCAP® 100 mA Low Dropout Linear Regulator Analog IC 3 V FIXED POSITIVE LDO REGULATOR, 0.22 V DROPOUT, PDSO6 ULTRA SMALL, SOT-23, 6 PIN THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节
|
Analog Devices, Inc. TE Connectivity, Ltd.
|
SS3H9 |
High Voltage Surface Mount Schottky Barrier Rectifiers, Reverse Voltage 90V, Forward Current 3.0A
|
Vishay
|
SS10PH10-E3_86A SS10PH10 SS10PH10-E3_87A SS10PH9 |
High Current Density Surface Mount High-Voltage Schottky Rectifier
|
Vishay Siliconix
|
BAT240A |
Silicon Schottky Diode (Rectifier Schottky diode for modem applications High reverse voltage For power supply)
|
SIEMENS A G SIMENS Siemens Semiconductor Group
|
MBR10H150CT MBRF10H150CT MBRB10H150CT-1 |
Dual High-Voltage Schottky Rectifiers, Forward Current 10A, Reverse Voltage 150V, Max. Junction Temperature 175C Diodes
|
VISAY[Vishay Siliconix]
|
AB081C40W |
High Power Single Bar CW Infrared Laser Diode
|
Roithner LaserTechnik GmbH
|
AB098C20W |
High Power Single Bar CW Infrared Laser Diode
|
Roithner LaserTechnik GmbH
|