PART |
Description |
Maker |
FMBA56 |
PNP Multi-Chip General Purpose Amplifier 500 mA, 80 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
PN200 PN200A MMBT200 MMBT200A |
PNP General Purpose Amplifier PNP General Purpose Amplifier 500 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
BC807-25QA BC807-40QA |
45 V, 500 mA PNP general-purpose transistors
|
NXP Semiconductors
|
BCW89 |
PNP General Purpose Amplifier; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 500 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
FAIRCHILD SEMICONDUCTOR CORP Fairchild Semiconductor, Corp.
|
DDTB122TU-7-F DDTB142JU DDTB142TU DDTB122LU DDTB12 |
Prebiased Transistors PNP PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR PNP PRE-BIASED 500 mA SOT-323 SURFACE MOUNT TRANSISTOR 500 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Diodes, Inc.
|
DDTB122LC-7-F DDTB142JC DDTB142TC DDTB122LC2 DDTB1 |
Prebiased Transistors PNP PRE-BIASED 500 mA SURFACE MOUNT TRANSISTOR PNP PRE-BIASED 500 mA SOT-23 SURFACE MOUNT TRANSISTOR 500 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Diodes, Inc.
|
S9012-I S9012-G S9012-H S9012-G-AP S9012-H-AP S901 |
PNP Silicon Transistors 500 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Micro Commercial Components
|
1N660 1N661 |
100 V, 500 mW general purpose diode 200 V, 500 mW general purpose diode
|
BKC International Electronics
|
PZTA96T3 PZTA96T1 |
500 mA, 450 V, PNP, Si, SMALL SIGNAL TRANSISTOR CASE 318E-04, 4 PIN 500 mA, 450 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-261AA
|
Motorola Mobility Holdings, Inc.
|
KSA1625KTA KSA1625KBU |
PNP Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Ammo 500 mA, 400 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PNP Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Bulk 500 mA, 400 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
2SB1198L-X-AE3-R 2SB1198G-X-AE3-R 2SB1198L-Q-AE3-R |
LOW FREQUENCY PNP TRANSISTOR 500 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR LEAD FREE PACKAGE-3
|
http:// Unisonic Technologies Co., Ltd.
|