PART |
Description |
Maker |
MP3276 MP3276AG MP3276AP |
Fault Protected 16 Channel, 12-Bit Data Acquisition Subsystem 16-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL/PARALLEL ACCESS, CPGA68
|
Exar, Corp. Exar Corporation
|
291425 256651 256658 256654 256655 291426 256661 2 |
5-Pin, Multiple-Input, Programmable Reset ICs 12-Bit, 40Msps ADC 1.8V, 12-Bit, 170Msps ADC for Broadband Applications TAPE BARRICADE RED/WHT STRIPE 胶带路障西隧条纹 500ksps, Sampling, 12-Bit ADC with Track/Hold and Reference 胶带路障危险男士水油 12-Bit, 65Msps, IF Sampling ADC 胶带路障危险
|
Brady, Corp. Linear Technology, Corp.
|
MAX1214EGKD MAX1228AEEP-T MAX1229AEEPT |
1.8V, 12-Bit, 210Msps ADC for Broadband Applications 1-CH 12-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, QCC68 12-Bit 300ksps ADCs with FIFO, Temp Sensor, Internal Reference 12-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO20
|
Maxim Integrated Products, Inc.
|
LTC1605ACSW LTC1605ACG LTC1605AISW LTC1605IG LTC16 |
16-Bit/ 100ksps/ Sampling ADC 8-Bit, 45.5 kSPS ADC Serial Out, Low Power, Compatible to TLC540/545/1540, Single Ch. 8-SOIC 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28 16-Bit, 100ksps, Sampling ADC 1-CH 16-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
AD7827BR-REEL AD7827BR-REEL7 AD7827BRZ AD7827BN |
3 V/5 V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC 1-CH 8-BIT FLASH METHOD ADC, SERIAL ACCESS, PDSO8 14-Bit 48KSPS DAS with ADC, MUX, PGA and Internal Reference 28-SSOP -40 to 85 1-CH 8-BIT FLASH METHOD ADC, SERIAL ACCESS, PDIP8 3/5V, 1 MSPS, 8-Bit, Serial Interface Sampling ADC; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 1-CH 8-BIT FLASH METHOD ADC, SERIAL ACCESS, PDSO8
|
Analog Devices, Inc.
|
MAX183 MAX183ACNG MAX183ACWG MAX183AENG MAX183AEWG |
Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:11-13 RoHS Compliant: No ECONOLINE: RJ & RG - Dual Output from a Single Input Rail - 3kVDC & 4kVDC Isolation - Optional Continuous Short Circuit Protected - Custom Solutions Available - UL94V-0 Package Material - Efficiency to 84% Replaced by TMS320VC5506 : DSP (DSP Only) for Embedded V90 Modem Solution [Not Recommended For New Designs (NRND)] 144-LQFP Fixed-Point Digital Signal Processor 352-FCBGA 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDIP24 High-Speed 12-Bit A/D Converters With External Refernce input 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, UUC24 High-Speed 12-Bit A/D Converters With External Refernce input 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO24
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. ADC
|
CA20C03A20EP CA20C03A-20IP CA20C03A-20IN CA20C03A2 |
N-CHANNEL 550V @Tjmax - 2.5 Ohm - 3A DPAK/IPAK ZENER-PROTECTED MDMESH POWER MOSFET Dual 2-input NAND gate DUAL 2-INPUT OPEN DRAIN NAND GATE Dual bilateral switch 8-bit MCU with Flash or ROM memory, ADC, two 16-bit timers, I2C, SPI, SCI interfaces 8-bit microcontroller with single voltage Flash memory, data EEPROM, ADC, timers, SPI 数据加密处理 ST7LITE2 - 8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI 数据加密处理 Dual 2-input exclusive OR gate 数据加密处理
|
Belden, Inc. 3M Company
|
ADUC824B2 ADUC834 |
24-Bit ADC 16-Bit ADC 12-Bit DAC 62K-Byte Flash MCU
|
Analog Devices
|
LTC2401 LTC2402 LTC2401CMS LTC2401IMS LTC2402I 240 |
1-/2-Channel 24-Bit uPower No Latency ADC in MSOP-10 1-/2-Channel 24位ADC的无延迟uPower采用MSOP - 10 18-Bit Universal Bus Driver With 3-State Outputs 56-TSSOP -40 to 85 1-/2-Channel 24位ADC的无延迟uPower采用MSOP - 10 1-/2-Channel 24-Bit uPower No Latency ADC in MSOP-10 2-CH 24-BIT DELTA-SIGMA ADC, SERIAL ACCESS, PDSO10 18-Bit Universal Bus Driver With 3-State Outputs 56-SSOP -40 to 85 1-/2-Channel 24-Bit mPower ADC From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
AD7896BR-REEL AD7896BRZ |
2.7 V to 5.5 V, 12-Bit, 8 µs ADC in 8-Pin SO/DIP 1-CH 12-BIT SUCCESSIVE APPROXIMATION ADC, SERIAL ACCESS, PDSO8
|
Analog Devices, Inc.
|
LTC1416IG |
Low Power 14-Bit, 400ksps Sampling ADC 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO28
|
Linear Technology, Corp.
|
|