PART |
Description |
Maker |
BUX77ESY |
Hi-Rel PNP bipolar transistor 150 V - 0.5 A
|
STMicroelectronics
|
BC461-5 SEMELABLTD-BC461-5E1 |
2000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-205AD TRANSISTOR | BJT | PNP | 60V V(BR)CEO | TO-5 Bipolar PNP Device in a Hermetically sealed TO39 Metal Package
|
SEMELAB LTD Seme LAB
|
2N3019HR |
Hi-Rel NPN bipolar transistor 80 V, 1 A
|
STMicroelectronics
|
2N5551RHRG 2N5551RHRT |
Hi-Rel NPN bipolar transistor 160 V, 0.5 A
|
ST Microelectronics
|
ZXTP23015CFHTA ZETEXSEMICONDUCTOR-ZXTP23015CFH07 |
Discrete - Bipolar Transistors - Transistor (BJT) Master Table - Transistors 15V, SOT23, PNP medium power transistor 5000 mA, 15 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated
|
2N2907AHR |
Hi-Rel 60 V - 0.6 A PNP transistor
|
STMicroelectronics
|
HGTP14N37G3VL HGT1S14N37G3VLS HGT1S14N37G3VLS9A |
TRANS IGBT CHIP N-CH 380V 25A 3TO-263AB 14A, 370V N-Channel, Logic Level, Voltage Clamping IGBTs TRANS PNP BIPOLAR 45V SOT323 TRANSISTOR | IGBT | N-CHAN | 380V V(BR)CES | 18A I(C) | TO-263AB TRANSISTOR PNP BIPOLAR 45V SOT23
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation
|
MMST39062 MMST3906-7-F |
PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR TRANS PNP BIPOLAR 40V SOT323 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated Diodes, Inc.
|
OC70 OC75 OC66 2N217 OC74 OC65 OC73 OC76 OC77 OC78 |
TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 30V V(BR)CEO | 100MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 25V V(BR)CEO | 150MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 16V V(BR)CEO | 300MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 60V V(BR)CEO | 250MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 200MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 10V V(BR)CEO | 50MA I(C) | TO-1 TRANSISTOR | BJT | PNP | 40V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 32V V(BR)CEO | 1A I(C) | TO-5 TRANSISTOR | BJT | PNP | 35V V(BR)CEO | 500MA I(C) | TO-5 TRANSISTOR | BJT | PNP | 20V V(BR)CEO | 1A I(C) | TO-5 68HC11/Bidirectional-Compatible µP Reset Circuit TRANSISTOR | BJT | PNP | 18V V(BR)CEO | 500MA I(C) | TO-5 晶体管|晶体管|进步党| 18V的五(巴西)总裁| 500mA的一(c)|
|
APEM SA
|
PHPT610035PK |
PNP/PNP matched high power double bipolar transistor
|
NXP
|
MMDJ3P03BJT |
DUAL BIPOLAR POWER TRANSISTOR PNP SILICON 30 VOLTS 3 AMPERES 3 A, 30 V, 2 CHANNEL, PNP, Si, POWER TRANSISTOR, SO-8
|
Motorola Mobility Holdings, Inc.
|
PO38 |
Bipolar PNP Device in a Hermetically sealed TO39 TRANSISTOR | BJT | PNP | 300V V(BR)CEO | 500MA I(C) | TO-39
|
Seme LAB
|