PART |
Description |
Maker |
PT-5130 PT-5130B |
3.3V / 622 Mbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA Receiver
|
Optoway Technology Inc
|
T-11-2500A-P3-SFC-APC T-11-2500A-P3-SSC-APC T-11-1 |
FIBER OPTIC RECEIVER, 1100-1650nm, 2500Mbps, THROUGH HOLE MOUNT, FC/APC CONNECTOR 2.5Gbps PIN-TIA Receiver Modules (3.3V)
|
Panasonic, Corp. Source Photonics, Inc.
|
PT-5332B-VF PT-5332B-VFA PT-5332B-VS PT-5332B-VSA |
3.3V / 622 Mbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL
|
http:// Optoway Technology Inc.
|
AFL12005DZ/HB AFL12015DW/HB AFL12005DX/HB AFL12005 |
3.3V Low Power EIA/TIA-562 3-Driver/5-Receiver Transceiver; Package: SO; No of Pins: 28; Temperature Range: 0°C to 70°C 3.3V Low Power EIA/TIA-562 3-Driver/5-Receiver Transceiver; Package: PDIP; No of Pins: 28; Temperature Range: 0°C to 70°C 3.3V Low Power EIA/TIA-562 3-Driver/5-Receiver Transceiver; Package: SSOP; No of Pins: 28; Temperature Range: 0°C to 70°C 3.3V Low Power EIA/TIA-562 3-Driver/5-Receiver Transceiver; Package: SSOP; No of Pins: 28; Temperature Range: -40°C to 85°C DC to DC Converter DC至DC转换 DC to DC Converter DCDC转换 Hi-Rel DC-DC Standard Dual Converter in a AFL package 高可靠性的DC - DC标准在冬季两项包双转换器
|
International Rectifier, Corp. Toshiba, Corp. TE Connectivity, Ltd.
|
T-11-2315T-04 T-11-2315T-04-G5 T-11-2315T-04-GR |
FIBER OPTIC RECEIVER, 1100-1650nm, 155Mbps, THROUGH HOLE MOUNT 155Mbps PIN-TIA Receiver Modules
|
Source Photonics, Inc.
|
PT-9302B-XS PT-9302B-XF PT-9302B-VSA PT-9332B-XF P |
3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL
|
Optoway Technology Inc http://
|
T-11-2315C-02-G5 T-11-2315C-02-GR T-11-2315C-02 |
155Mbps PIN-TIA Receiver Modules
|
Source Photonics, Inc.
|
T-11-2315T-08-G5 T-11-2315T-08-GR T-11-2315T-08 |
155Mbps PIN-TIA Receiver modules
|
Source Photonics, Inc.
|
PT-33100B PT-33130 PT-33130B |
3.3V / 1.55 レm / 155 Mbps InGaAs PIN-TIA Receiver
|
Optoway Technology Inc.
|
T-11-2500A-R-SFC T-11-2500A-R-SSC T-11-2500A-R-SST |
PRELIMINARY - 2.5 Gbps PIN-TIA Receiver Modules (5 V)
|
Source Photonics, Inc.
|