PART |
Description |
Maker |
FMMTL618 FMMTL618TA FMMTL618-15 |
NPN Low Sat Transistor SOT23 NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR NPN SILICON PLANAR HIGH GAIN MEDIUM POWER TRANSISTOR 1250 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
List of Unclassifed Man... Diodes Incorporated ZETEX[Zetex Semiconductors] Zetex Semiconductor PLC
|
ZTX1056 ZTX1056A UZTX1056A |
3000 mA, 160 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
|
ZETEX PLC Diodes Incorporated ZETEX[Zetex Semiconductors]
|
FCX591 FCX491 FCX491TA |
SOT89 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR 1000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR SOT-89, 3 PIN
|
Diodes Incorporated Diodes, Inc.
|
FMMT491A FMMT491ATA |
SOT23 NPN SILICON PLANAR MEDIUM POWER TRANSISTOR 1000 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR SOT-23, 3 PIN
|
Diodes Incorporated Diodes, Inc.
|
FZT1049A |
NPN Low Sat Transistor NPN SILICON PLANAR MEDIUM POWER HIGH GAIN TRANSISTOR
|
Zetex Semiconductors
|
C2688BPL CSC2688 CSC2688BPL CSC2688G CSC2688O CSC2 |
10.000W Medium Power NPN Plastic Leaded Transistor. 300V Vceo, 200.000A Ic, 40 - 250 hFE. 10.000W Medium Power NPN Plastic Leaded Transistor. 300V Vceo, 0.200A Ic, 40 - 250 hFE. 10.000W Medium Power NPN Plastic Leaded Transistor. 300V Vceo, 0.200A Ic, 160 - 250 hFE. 10.000W Medium Power NPN Plastic Leaded Transistor. 300V Vceo, 0.200A Ic, 60 - 120 hFE. 10.000W Medium Power NPN Plastic Leaded Transistor. 300V Vceo, 0.200A Ic, 40 - 80 hFE. 10.000W Medium Power NPN Plastic Leaded Transistor. 300V Vceo, 0.200A Ic, 100 - 200 hFE.
|
Continental Device India Limited
|
SG2824J_DESC SG28XXL_883B JAN2801J JAN2802J JAN280 |
HIGH VOLTAGE MEDIUM CURRENT DRIVER ARRAYS Driver - Medium Current Array; Package: LCC; 0.6 A, 50 V, 8 CHANNEL, NPN, Si, POWER TRANSISTOR Driver - Medium Current Array; Package: DIP; 0.6 A, 50 V, 8 CHANNEL, NPN, Si, POWER TRANSISTOR Driver - Medium Current Array; Package: DIP; 0.5 A, 95 V, 8 CHANNEL, NPN, Si, POWER TRANSISTOR Driver - Medium Current Array; Package: LCC; 0.5 A, 50 V, 8 CHANNEL, NPN, Si, POWER TRANSISTOR
|
Microsemi, Corp. http:// Microsemi Corporation
|
BD135 BD139 ON0184 BD137 |
Plastic Medium Power Silicon NPN Transistor 1.5 A, 45 V, NPN, Si, POWER TRANSISTOR, TO-225AA POWER TRANSISTORS NPN SILICON CASE 77-09 TO-225AA TYPE From old datasheet system
|
Motorola Mobility Holdings, Inc. ON Semiconductor MOTOROLA[Motorola Inc] MOTOROLA[Motorola, Inc]
|
2SD1664-X-AB3-R 2SD1664G-X-AB3-R 2SD1664L-X-AB3-R |
MEDIUM POWER NPN TRANSISTOR 1000 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
UNISONIC TECHNOLOGIES CO LTD
|
2SA20881 2SB11321 2SB11841 2SB1198K1 2SB12601 2SB1 |
Medium power transistor (?60V, ?0.5A) Medium Power Transistor (?32V,?1A) Power Transistor (?60V, ?3A) Low-frequency Transistor (-80V, -0.5A) Power Transistor (?80V, ?1A) Low VCE(sat) Transistor (?20V, ?3A) Power transistor (?20V, ?2A) General purpose amplification (?30V, ?1A) Low frequency amplifier Medium power transistor (−60V, −0.5A)
|
ROHM[Rohm]
|
2SC5752 2SC5752-T1 2SC5752NE67818 |
Low-Power, Single/Dual-Voltage µP Reset Circuits with Capacitor-Adjustable Reset Timeout Delay TRANSISTOR | BJT | NPN | 6V V(BR)CEO | 100MA I(C) | TSOP NPN SILICON RF TRANSISTOR FOR MEDIUM OUTPUT POWER AMPLIFICATION (60 mW) 4-PIN SUPER MINIMOLD
|
NEC
|
BUL116 BUL116D 8671 |
MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR MEDIUM VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR From old datasheet system
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|