PART |
Description |
Maker |
WEDPDC3225-B |
25X32MM Daisy-Chain PBGA
|
White Electronic Designs Corporation
|
AN491 |
MK5025 DAISY CHAIN DMA
|
SGS Thomson Microelectronics
|
DAC8143 DAC8143FP DAC8143FS |
12-Bit Serial Daisy-Chain CMOS D/A Converter
|
AD[Analog Devices]
|
CM6100 CSP-SAC105 |
0.4mm Pitch Daisy Chain 0.4mm Pitch Daisy Chain
|
ON Semiconductor
|
YPKG-C7CG-A7A2DC |
CCGA1272, 37.5 MM X 37.5 MM, 1.0 MM PITCH, 1272 SOLDER COLUMNS, CERAMIC COLUMN GRID ARRAY, DAISY CHAIN PACKAGE
|
Actel Corporation
|
YPKG-BCCG-9287DC |
CCGA1152, 35.0 MM X 35.0 MM, 1.0 MM PITCH, 1152 SOLDER COLUMNS, CERAMIC COLUMN GRID ARRAY, DAISY CHAIN PACKAGE
|
Actel Corporation
|
TMP107BQDQ1 |
<font color=red>[Old version datasheet]</font> TMP107-Q1 Automotive Grade, ±0.4°C Temperature Sensor with Daisy-Chain UART, EEPROM, and Alert Function
|
TI store
|
1728307 |
PC terminal block, Nominal current: 10 A, Nom. voltage: 160 V, Pitch: 3.81 mm, Number of positions: 4, Type of connection: Screw connection, Assembly: Soldering, Conductor/PCB connection
|
PHOENIX CONTACT
|
RAD-SPL-2-N |
Antenna splitter, frequency range: 0.3 GHz ... 6 GHz, degree of protection: IP65, connection: 3 x N (female), suitable connection cable for the antenna connection (Order No. 2700677)
|
PHOENIX CONTACT
|
0421016 |
Power terminal block, Connection method Screw connection, Load current
|
PHOENIX CONTACT
|
0441025 |
Ground modular terminal block, Connection method: Screw connection, Cross section
|
PHOENIX CONTACT
|
|