PART |
Description |
Maker |
SI32171-B-GM SI32919-A-FS SI32177-B-FM SI32177-B-G |
ProSLIC? Single-Chip FXS Solution with FXO Option ProSLIC Single-Chip FXS Solution with FXO Option Low power standby operation Tracking dc-dc controller Patented low-power ringing Wideband voice support Low power standby operation Tracking dc-dc controller Patented low-power ringing Wideband voice support
|
Silicon image Silicon Laboratories
|
SI3220PPT-EVB |
EVALUATION BOARD FOR THE Si3220 DUAL PROSLIC
|
SILABS[Silicon Laboratories]
|
M38067MC-453GP M38063M6-181GP M38067MC-204FP M3806 |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer 3806 Series Microcontrollers: General Purpose, Large On-Chip Memory RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation
|
DS3171N DS3172N |
Single/Dual/Triple/Quad DS3/E3 Single-Chip Transceivers
|
MAXIM - Dallas Semiconductor
|
M38257E8F8 M38257M8-140GP M38254M6-125FP M38254M6- |
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER IC LOGIC 1G08 SINGLE 2-INPUT POSITIVE-AND GATE -40 85C SOT-23-5 3000/REEL Low-Power Dual 2-Input Positive-AND Gate 8-DSBGA -40 to 85 Low-Power Dual Bus Buffer Gate With 3-State Outputs 8-DSBGA -40 to 85 (M3825xxxx) SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
|
Mitsubishi Electric Sem... Mitsubishi Electric Corporation Mitsubishi Electric Semiconductor
|
LXT318 |
LXT318 Long-Haul E1 Transceiver Solution Migration from Dual-Chip (LXT304A/LXT316) to Single-Chip (LXT318) Implementation
|
Intel
|
LC66358S LC66556A LC665312A LC66P5316 LC662304A LC |
Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 4 6 8 12 and 16 KB of On-Chip ROM Four-Bit Single-Chip Microcontrollers with 6k and 8k of On-Chip ROM Four-Bit Single-Chip Microcontroller with 16 KB of On-Chip OTP PROM Four-Bit Single-Chip Microcontrollers with 4, 6, 8, 12, and 16 KB of On-Chip ROM
|
SANYO[Sanyo Semicon Device]
|
SI3220 SI3225DCX-EVB SI3225PPT0-EVB SI3225PPTX-EVB |
DUAL PROSLIC??PROGRAMMABLE CMOS SLIC/CODEC DUAL PROSLIC㈢ PROGRAMMABLE CMOS SLIC/CODEC
|
SILABS[Silicon Laboratories]
|
LSK389BTO-71 LSK389ASOIC LSK389ATO-71 LSK389BSOIC |
a monolithic matched dual JFET on a single chip
|
Micross Components
|
BCM7320 |
Single-Chip Satellite Set-Top Dual TV Decoder
|
Broadcom
|
DS34T108GN_ DS34T101 DS34T101GN_ DS34T101GN DS34T1 |
Single/Dual/Quad/Octal TDM-Over-Packet Chip
|
MAXIM[Maxim Integrated Products]
|
SI3210 SI3210-BT SI3210-KT SI3210M-BT SI3210M-KT S |
PROSLIC PROGRAMMABLE CMOS SLIC/CODEC WITH RINGING/BATTERY VOLTAGE GENERATION ProSLIC产品可编程的CMOS用户接口/有振铃编解码电池电压生成
|
ETC Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers
|