PART |
Description |
Maker |
SGM721 SGM721XC5_TR SGM721XN5_TR SGM721XS SGM721XS |
970μA, 10MHz, Rail-to-Rail I/O CMOS Operational Amplifier 970レA, 10MHz, Rail-to-Rail I/O CMOS Operational Amplifier
|
Shengbang Microelectronics Co, Ltd
|
AS17101 AS1712 AS1712A-AQFT AS1710B-ASCT AS1710A A |
High-Output-Drive, 10MHz, 10V/us, Rail-to-Rail I/O Op Amps with Shutdown
|
austriamicrosystems AG
|
RH1499M RH1499A |
10MHz, 6V/μs, Quad Rail-to-Rail Input and Output Precision C-Load Op Amp From old datasheet system
|
linear
|
MAX4231AYT MAX4231AYTT |
High-Output-Drive, 10MHz, 10V/µs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
|
MAXIM - Dallas Semiconductor
|
5962-9324701MXX 5962-9324702MYX |
High-Output-Drive, 10MHz, 10V/µs, Rail-to-Rail I/O Op Amps with Shutdown in SC70 High-Output-Drive, 10MHz, 10V/µs, Rail-to-Rail I/O Op Amps with Shutdown in SC70 电可擦除复杂可编程逻辑器件
|
Omron Electronics LLC Industrial Automation
|
MAX423008 MAX4231AUTT MAX4233AUBT MAX4231AXTT MAX4 |
High-Output-Drive, 10MHz, 10V/楼矛s, Rail-to-Rail I/O Op Amps with Shutdown in SC70 High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
|
Maxim Integrated Products Maxim Integrated Produc...
|
LT1498CN8PBF LT1498CS8PBF LT1499CSTRPBF LT1499CSPB |
10MHz, 6V/us, Dual/Quad Rail-to-Rail Input and Output Precision C-Load Op Amps; Package: PDIP; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 900 uV OFFSET-MAX, 9 MHz BAND WIDTH, PDIP8 10MHz, 6V/us, Dual/Quad Rail-to-Rail Input and Output Precision C-Load Op Amps; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C DUAL OP-AMP, 900 uV OFFSET-MAX, 9 MHz BAND WIDTH, PDSO8 10MHz, 6V/us, Dual/Quad Rail-to-Rail Input and Output Precision C-Load Op Amps; Package: SO; No of Pins: 14; Temperature Range: 0°C to 70°C QUAD OP-AMP, 900 uV OFFSET-MAX, 9 MHz BAND WIDTH, PDSO14
|
Linear Technology, Corp.
|
KM4270 KM4270IC8 KM4270IM8 KM4270IM8TR3 KM4270IC8T |
XTAL MTL SMT HC49/USM 双路,低成本.7VV的,轨对轨输输出放大 Dual/ Low Cost/ 2.7V and 5V/ Rail-to-Rail I/O Amplifier Dual, Low Cost, 2.7V and 5V, Rail-to-Rail I/O Amplifier
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
MAX423009 MAX4231ARTT MAX4231AUTT MAX4231AXTT MAX4 |
High-Output-Drive, 10MHz, 10V/渭s, Rail-to-Rail I/O Op Amps with Shutdown in SC70 High-Output-Drive, 10MHz, 10V/楼矛s, Rail-to-Rail I/O Op Amps with Shutdown in SC70 High-Output-Drive, 10MHz, 10V/μs, Rail-to-Rail I/O Op Amps with Shutdown in SC70
|
http:// Maxim Integrated Products Maxim Integrated Produc...
|
TSH82IYDT TSH84 |
Rail-to-rail video op-amp Wide band rail-to-rail operational amplifier
|
ST Microelectronics
|
MAX4040 MAX4040ESA MAX4040EUA MAX4040EUK-T MAX4041 |
Replaced by TMS320VC5506 : Digital Signal Processors 132-BQFP OP-AMP, 3500 uV OFFSET-MAX, 0.09 MHz BAND WIDTH, PDSO8 Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps OP-AMP, 5000 uV OFFSET-MAX, 0.09 MHz BAND WIDTH, PDSO8 Single/Dual/Quad, Low-Cost, SOT23, Micropower Rail-to-Rail I/O Op Amps DUAL OP-AMP, 5000 uV OFFSET-MAX, 0.09 MHz BAND WIDTH, PDSO8 IC-SM RAIL/RAIL I/O OP AMP 集成电路钐轨/轨I / O运放 Single/Dual/Quad / Low-Cost / SOT23 / Micropower Rail-to-Rail I/O Op Amps Single/Dual/Quad, Low-Cost, SOT23,Micropower Rail-to-Rail I/O Op Amps "?Dual, Low-Cost, Micropower Rail-to-Rail I/O Op Amp" "Single, Low-Cost, Micropower, Rail-to-Rail I/O Op Amp with Shutdown" "?Dual, Low-Cost, Micropower, Rail-to-Rail I/O Op Amp with Shutdown"
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. Maixm MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
|