PART |
Description |
Maker |
FGP-2412-16 |
26-Port Fast Ethernet PoE Switch, 2 x SFP/RJ45 Combo Gigabit, 802.3at PoE , 24 PoE Outputs, 480W
|
Level One
|
POR-0102 |
2-Port PoE Repeater
|
Level One
|
FSW-0503 |
Provides flexibility of 4 x 10/100BASE-TX PoE ports IEEE 802.3af PoE compliant to simplify deployment and installation
|
Level One
|
FEP-0812 |
IEEE 802.3af/at PoE compliant to simplify deployment and installation Auto-detection and protection of non-standard PoE devices
|
Level One
|
GEP-0521 |
IEEE 802.3af/at PoE compliant to simplify deployment and installation 10/100/1000Mbps wire speed transmission and reception
|
Level One
|
S3-24P |
Layer 3 Switch with 24 Ports PoE/12 Ports PoE and 10G Uplinks
|
List of Unclassifed Man...
|
PCA9515A PCA9515ADP |
PCA9515A; I²C-bus repeater I2C-bus repeater
|
Philips Semiconductors
|
POE13F-12L POE13F-18L POE13F-19L POE13F-24L POE13F |
Flyback Transformers for PoE PoE transformer, SMT, RoHS 13 W, SMPS TRANSFORMER PoE transformer, SMT, RoHS 6 W, SMPS TRANSFORMER
|
Coilcraft lnc. Coilcraft, Inc. COILCRAFT INC
|
MAX3752CCM MAX3752 |
2.125Gbps / 3.3V Quad-Port Bypass with Repeater 2.125Gbps, 3.3V Quad-Port Bypass with Repeater 2.125Gbps 3.3V Quad-Port Bypass with Repeater Telecomm/Datacomm, Other - Datasheet Reference From old datasheet system
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products Inc
|
AM79C984A 20650 AM79C984 AM79C984AKCW AM79C984AJC |
enhanced Integrated Multiport Repeater (eIMR⑩) From old datasheet system enhanced Integrated Multiport Repeater
|
AMD[Advanced Micro Devices]
|
NCP1081 NCP1081DEG NCP1081DER2G |
Integrated 40 W High Power PoE-PD & DC-DC Converter Controller (IEEE 802.3at Draft 3.0) SWITCHING CONTROLLER, 500 kHz SWITCHING FREQ-MAX, PDSO20 Integrated High Power PoE-PD Interface & DC-DC Converter Controller
|
ON Semiconductor
|
AC208 |
8-Port 10/100 Ethernet Bridged Repeater 8 PORT ULTRA LOW POWER 10/100 ETHERNET BRIDGED REPEATER
|
Broadcom ETC List of Unclassifed Manufacturers Electronic Theatre Controls, Inc.
|