PART |
Description |
Maker |
PE4242 PE4242-EK 4242-52 4242-00 4242-01 4242-02 4 |
SPDT UltraCMOS⑩ RF Switch SPDT UltraCMOSRF Switch SPDT UltraCMOS RF Switch
|
etc PEREGRINE[Peregrine Semiconductor Corp.]
|
4235 PE4235 PE4235-EK 4235-52 4235-00 4235-01 4235 |
SPDT UltraCMOSRF Switch DC - 4000 MHz SPDT UltraCMOS RF Switch DC - 4000 MHz SPDT UltraCMOS⑩ RF Switch DC - 4000 MHz
|
PEREGRINE[Peregrine Semiconductor Corp.]
|
PE4210 PE4210-EK 4210-52 4210 4210-00 4210-21 4210 |
SPDT UltraCMOS?/a> RF Switch DC - 3000 MHz SPDT UltraCMOSRF Switch DC - 3000 MHz SPDT UltraCMOS RF Switch DC - 3000 MHz SPDT UltraCMOS⑩ RF Switch DC - 3000 MHz
|
PEREGRINE[Peregrine Semiconductor Corp.]
|
AWS5518 AWS5518S14 |
The AWS5518 is a Single Pole Double Throw (SPDT) GaAs MMIC switch assembled in a SOT-26 plastic package. Switches GaAs IC SPDT Reflective Switch DC-2.0 GHz
|
Anadigics Inc ANADIGICS[ANADIGICS, Inc]
|
PCN11S-PFB-2-CP PCN11-100P-2.54WC-2 PCN11-96P-2.54 |
100 CONTACT(S), MALE, STRAIGHT TWO PART EURO CONNECTOR, WIRE WRAP PCN11 Series (Product Compliant with DIN Standard: Solderless Connection Type) PCN11系列(产品符合符合DIN标准:无焊连接类型) 96 CONTACT(S), MALE, STRAIGHT TWO PART EURO CONNECTOR, PRESS FIT SWITCH PB MOM SPDT 3A R/A SWITCH PB SPDT VERT 3A PCB SWITCH PB SPDT VERT SOLDER 3A Snap Acting pushbutton switches feature multiple termination options Snap acting pushbutton switches with snap in panel mount option SMB MINI 75 OHM JACK 2 HOLE FLANGE SOLDER CUP GOLD SWITCH PB SPDT VERT SOLDER .4A
|
http:// TE Connectivity, Ltd. HIROSE ELECTRIC Co., Ltd. Honda Tsushin Kogyo Co., Ltd. Hirose Electric USA, INC.
|
E62-00A E61-00H E61-00A THECHERRYCORP-E61-01R E61- |
SWITCH SNAP SPDT 10A QC TERM SNAP ACTING/LIMIT SWITCH, SPDT, MOMENTARY, 1.82mm, PANEL MOUNT SWITCH LEVER SPDT 5A QC TERM SWITCH SNAP SPDT 5A QC TERM SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 1.82mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4.06mm, PANEL MOUNT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 0.25A, 30VDC, 10.9mm, THROUGH HOLE-STRAIGHT SNAP ACTING/LIMIT SWITCH, SPST, MOMENTARY, 4.68mm, PANEL MOUNT
|
ZF Electronics, Corp. THE CHERRY CORP
|
PE4274-EK 4274 4274-00 4274-01 4274-02 4274-51 427 |
75Ω Terminated - 2.2 GHz SPDT CATV UltraCMOS?/a> Switch 75ヘ Terminated - 2.2 GHz SPDT CATV UltraCMOS⑩ Switch 75Terminated - 2.2 GHz SPDT CATV UltraCMOSSwitch 75Ω Terminated - 2.2 GHz SPDT CATV UltraCMOS?/a> Switch 75Ω Terminated - 2.2 GHz SPDT CATV UltraCMOS Switch
|
Peregrine Semiconductor Cor... PEREGRINE[Peregrine Semiconductor Corp.]
|
PE4273-EK 273 4273-00 4273-01 4273-02 4273-51 4273 |
SPDT Broadband UltraCMOS?/a> DC - 3 GHz RF Switch SPDT Broadband UltraCMOS DC - 3 GHz RF Switch SPDT Broadband UltraCMOSDC - 3 GHz RF Switch SPDT Broadband UltraCMOS⑩ DC - 3 GHz RF Switch
|
http:// PEREGRINE[Peregrine Semiconductor Corp.]
|
PI3A3160 |
3.0V, SOTiny?/a> 0.4?/a> Dual SPDT Analog Switch 3.0V/ SOTiny 0.4 Dual SPDT Analog Switch 3.0V, SOTiny 0.4 Dual SPDT Analog Switch 3.0V, SOTiny⑩ 0.4з Dual SPDT Analog Switch 3.0V, SOTiny0.4з Dual SPDT Analog Switch
|
Pericom Technology PERICOM[Pericom Semiconductor Corporation] Pericom Semiconductor Corp.
|
PE424206 PE4242 4242-00 4242-02 4242-51 4242-52 42 |
SPDT UltraCMOS?/a> RF Switch SPDT UltraCMOS⑩ RF Switch SPDT UltraCMOS?/a> RF Switch SPDT UltraCMOS RF Switch
|
Peregrine Semiconductor Cor... PEREGRINE[Peregrine Semiconductor Corp.]
|
400A-WMSP5-R1-BLK-M1-Q-E 400A-WMSP5-R1-BLK-M1-R-E |
ROCKER SWITCH, SPDT, LATCHED AND MOMENTARY, 3A, 28VDC, PANEL MOUNT ROCKER SWITCH, SPDT, LATCHED AND MOMENTARY, 0.02A, 20VDC, PANEL MOUNT ROCKER SWITCH, SPDT, LATCHED AND MOMENTARY, 3A, 28VDC, THROUGH HOLE-RIGHT ANGLE ROCKER SWITCH, SPDT, LATCHED, 3A, 28VDC, PANEL MOUNT
|
E-Switch, Inc.
|