PART |
Description |
Maker |
PC28F128P30 |
StrataFlash Embedded Memory
|
Intel Corporation
|
28F128P33 |
StrataFlash Embedded Memory
|
Intel
|
JS28F256P33BF JS28F256P33BFE |
NumonyxTM StrataFlash Embedded Memory
|
Micron Technology
|
28F640P3 PF48F3P0ZB00 PF48F2P0ZB00 PC48F0P0VB00 PC |
Coaxial Cable; Coaxial RG/U Type:6; Impedance:75ohm; Conductor Size AWG:18; No. Strands x Strand Size:Solid; Jacket Material:Polyvinylchloride (PVC); Capacitance:16.2pF/ft; Conductor Material:Steel; Conductor Plating:Copper RoHS Compliant: Yes Photoelectric Sensor; Sensor Input Type:Optical; Sensing Range Max:5m; Sensor Output Type:Relay; Leaded Process Compatible:No; Output Type:Relay; Peak Reflow Compatible (260 C):No; Contact Current Max:3A; Contact Rating:3A Intel StrataFlash Embedded Memory 16M X 16 FLASH 1.8V PROM, 88 ns, PDSO56 Intel StrataFlash Embedded Memory 4M X 16 FLASH 1.8V PROM, 85 ns, PDSO56 Intel StrataFlash Embedded Memory 8M X 16 FLASH 1.8V PROM, 85 ns, PDSO56 COAXIAL CABLE; COAXIAL RG/U TYPE:11; IMPEDANCE 75OHM CONDUCTOR SIZE AWG:14; NO. STRANDS X STRAND SIZE: SOLID; JACKET MATERIAL:POLYVINYLCHLORIDE (PVC); CONDUCTOR MATERIAL:STEEL; CONDUCTOR PLATING COPPER; JACKET COLOR:BLAC 英特尔StrataFlash嵌入式存储器 Intel StrataFlash Embedded Memory 16M X 16 FLASH 1.8V PROM, 88 ns, PBGA64 Intel StrataFlash Embedded Memory 英特尔StrataFlash嵌入式存储器 Circular Connector; No. of Contacts:41; Series:; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:20; Circular Contact Gender:Pin; Circular Shell Style:Wall Mount Receptacle; Insert Arrangement:20-41 英特尔StrataFlash嵌入式存储器 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT00; No. of Contacts:10; Connector Shell Size:12; Connecting Termination:Solder; Circular Shell Style:Wall Mount Receptacle 英特尔StrataFlash嵌入式存储器 Photoelectric Sensor; Sensor Input Type:Optical; Sensing Range Max:43mm; Sensor Output Type:Relay; Leaded Process Compatible:No; Output Type:Relay; Peak Reflow Compatible (260 C):No; Contact Current Max:3A; Contact Rating:3A 英特尔StrataFlash嵌入式存储器 Strata Flash Memory / 1 Gbit P30 Family CAP 0.01UF 63V 10% MET-POLY-BOX RAD5MM 7.5X6.5X2.5MM BULK 8M X 16 FLASH 1.8V PROM, 85 ns, PBGA88 Circular Connector; Body Material:Aluminum; Series:PT00; No. of Contacts:41; Connector Shell Size:20; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Circular Contact Gender:Socket; Insert Arrangement:20-41 Intel StrataFlash Embedded Memory
|
Intel Corp. http:// Intel, Corp. Intel Corporation
|
GE28F128L18B85 JZ48F4000L0YTQ0 |
StrataFlash Wireless Memory 8M X 16 FLASH 1.8V PROM, 85 ns, PBGA56 StrataFlash Wireless Memory 16M X 16 FLASH 1.8V PROM, 85 ns, PBGA88
|
Intel, Corp.
|
JS28F256P33BFA 320003 |
NumonyxTM StrataFlash Embedded Memory P33 (256-Mbit, 256-Mbit/256- Mbit) 130nm to 65nm
|
Numonyx B.V
|
JS28F128J3A |
Intel StrataFlash Memory (J3)
|
Intel Corporation
|
PH28F256L18T85 GE28F128L18B85 GE28F128L18T85 PH28F |
STRATAFLASH WIRELESS MEMORY
|
INTEL[Intel Corporation]
|
28F320J5 28F640J5 |
INTEL StrataFlash MEMORY TECHNOLOGY 32 AND 64 MBIT
|
Intel
|
28F320J5 28F640J5 29060613 |
5 Volt Intel StrataFlash Memory From old datasheet system
|
Intel
|
RD48F3000L0ZTQ0 |
1.8 Volt Intel StrataFlashWireless Memory with 3.0-Volt I/O (L30) 8M X 16 FLASH 1.8V PROM, PBGA80
|
Intel, Corp.
|
TE28F128J3D |
Embedded Flash Memory
|
Intel
|