PART |
Description |
Maker |
HLMP-UL07 HLMP-UL14 HLMP-UG06 HLMP-UH06 HLMP-DL08 |
T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps High-Speed Fully Differential Amplifier, /-5 V 8-MSOP-PowerPAD -40 to 85 High-Speed Fully Differential Amplifier, /-5 V 8-MSOP -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier 8-SON -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier 8-SOIC -40 to 85 High-Speed Fully-Differential Amplifiers 8-SOIC 0 to 70 Super-Fast Ultra-Low Distortion High Speed Amplifier with Shutdown 8-MSOP -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier 8-MSOP -40 to 85 Super-Fast Ultra-Low Distortion High Speed Amplifier 8-MSOP-PowerPAD -40 to 85 Aluminum Electrolytic Radial Lead Extremely Low Impedance Capacitor; Capacitance: 470uF; Voltage: 35V; Case Size: 10x31.5 mm; Packaging: Bulk Super-Fast Ultra-Low Distortion High Speed Amplifier with Shutdown 8-SOIC -40 to 85
|
http:// Agilent (Hewlett-Packard) HP[Agilent(Hewlett-Packard)]
|
HSMP-4810 HSMP-3810 HSMP-3812 HSMP-3814 HSMP-3813 |
Surface Mount RF PIN Low Distortion Attenuator Diodes DEMO-HSMP38-XX · Demonstration Circuit Board HSMP-4810 · Low inductance PIN attenuator diode HSMP-481B · Low inductance PIN attenuator diode HSMP-381F · Low distortion PIN attenuator diode HSMP-3814 · Low distortion PIN attenuator diode HSMP-381C · Low distortion PIN attenuator diode HSMP-381E · Low distortion PIN attenuator diode HSMP-381B · Low distortion PIN attenuator diode HSMP-3813 · Low distortion PIN attenuator diode HSMP-3812 · Low distortion PIN attenuator diode HSMP-3810 · Low distortion PIN attenuator diode
|
http:// HP[Agilent(Hewlett-Packard)] Agilent (Hewlett-Packard)
|
P3156 |
ULTRA LOW DISTORTION LOW PROFILE LINE MATCHING TRANSFORMER
|
ETAL
|
EUA2032 |
Low EMI, Ultra-Low Distortion, 2.5-W Mono Filterless Class-D Audio Power Amplifier
|
Eutech Microelectronics Inc
|
AD800904 AD8009ACHIPS AD8009JRT-R2 AD8009JRT-REEL |
1 GHz, 5,500 V/?Low Distortion Amplifier 1 GHz, 5,500 V/µs Low Distortion Amplifier 1 GHz, 5,500 V/Я Low Distortion Amplifier 1 GHz, 5,500 V/ Low Distortion Amplifier 1 GHz, 5,500 V/?/a> Low Distortion Amplifier 1 GHz, 5,500 V/µs Low Distortion Amplifier; Package: SOT-23; No of Pins: 5; Temperature Range: Commercial 1 CHANNEL, VIDEO AMPLIFIER, PDSO5 1 GHz, 5,500 V/µs Low Distortion Amplifier; Package: SOIC; No of Pins: 8; Temperature Range: Industrial 1 CHANNEL, VIDEO AMPLIFIER, PDSO8
|
Analog Devices, Inc.
|
HLMP-D640 HLMP-D400 HLMP-D401 HLMP-D600 |
T-1 3/4 (5mm) SOLID STATE LAMPS Super-Fast, Ultra-Low-Distortion, High-Speed Operational Amplifier with Shutdown 8-MSOP -40 to 85 Super-Fast, Ultra-Low-Distortion, High-Speed Operational Amplifier with Shutdown 8-MSOP-PowerPAD -40 to 85
|
http:// QT[QT Optoelectronics]
|
LTC6601CUF-2PBF LTC6601CUF-2 LTC6601CUF-2TRPBF LTC |
LTC6601-2 - Low Power, Low Distortion, Low Power, Low Distortion, 5MHz to 27MHz, Pin Con?gurable Filter/ADC Driver; Package: QFN; Number of Pins: 20; Temperature Range: 0°C to 70°C Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
|
LINEAR TECHNOLOGY CORP
|
MAX4475 MAX4475ASA MAX4475AUA MAX4475AUT-T MAX4476 |
SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps SOT23 / Low-Noise / Low-Distortion / Wide-Band / Rail-to-Rail Op Amps SOT23 Low-Noise Low-Distortion Wide-Band Rail-to-Rail Op Amps "SOT23, Low-Noise/Distortion, Wideband, Rail-to-Rail Op Amp" SOT23, Low-Noise, Low-Distortion, Wide-Band, Rail-to-Rail Op Amps DUAL OP-AMP, 750 uV OFFSET-MAX, 10 MHz BAND WIDTH, PDSO8
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM INTEGRATED PRODUCTS INC
|
HSMP-3810 HSMP-3814 DEMO-HSMP38-XX HSMP-481B |
Surface Mount RF PIN Low Distortion Attenuator Diodes(表贴型射PIN 低衰减失真二极管) 演示电路 Low Distortion Pin Attenuator Diode
|
AGILENT
|
LTC6400CUD-20-PBF LTC6400CUD-20-TRPBF LTC6400IUD-2 |
2.4GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF; Package: QFN; No of Pins: 16; Temperature Range: -40°C to 85°C 1-CH 16-BIT PROPRIETARY METHOD ADC, PARALLEL ACCESS, PQCC16 1.8GHz Low Noise, Low Distortion Differential ADC Driver for 300MHz IF
|
Linear Technology, Corp.
|
PTA1543-2010DPB203 PTA1543-2010DPB20314 PAT1543-20 |
Low Profi le Slide Potentiometer
|
Bourns Electronic Solutions Bourns Electronic Solut...
|