PART |
Description |
Maker |
IRL3803L IRL3803S |
Power MOSFET(Vdss=30V, Rds(on)=0.006ohm, Id=140A 功率MOSFET(减振钢板基本\u003d 30V的,的Rds(on)\u003d 0.006ohm,身份证\u003d律目140A?) Power MOSFET(Vdss=30V, Rds(on)=0.006ohm, Id=140A?) POWER MOSFET(VDSS=30V, RDS(ON)=0.006OHM, ID=140Aㄌ) Power MOSFET(Vdss=30V, Rds(on)=0.006ohm, Id=140A) Power MOSFET(Vdss=30V, Rds(on)=0.006ohm, Id=140A?
|
International Rectifier, Corp. IRF[International Rectifier]
|
STB60NH02L04 STB60NH02LT4 STB70NFS03L06 STB70NFS03 |
N-Channel 24V - 0.0062ohm - 60A - D2PAK STripFET TM III Power MOSFET N-channel 30V - 0.0075ohm - 70A - D2PAK - I2PAK - TO-220 Low gate charge STripFET TM II Power MOSFET 10 OHM, Quad, SPST, CMOS Analog Switches RADIATION HARD 4096 x 1 BIT STATIC RAM 4 Mbit (512 Kbit x 8) ZEROPOWER SRAM 5.0 V PC real-time clock N-channel 60V - 0.0075ohm - 70A - D2PAK STripFET TM III Power MOSFET for DC-DC conversion N-channel - 30V - 0.0075ohm - 70A D2PAK STripFET TM Power MOSFET plus schottky rectifier N-channel 30V - 0.005ohm - 85A - D2PAK STripFET TM Power MOSFET N-CHANNEL 24V - 0.0085 ohm - 60A D2PAK STripFET TM III POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics] MAXIM ZARLINK
|
STS7C4F30L |
7 A, 30 V, 0.026 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET N-CHANNEL 30V - 0.018 ohm - 7A SO-8 P-CHANNEL 30V - 0.070 ohm - 4A SO-8 STripFET⑩ POWER MOSFET P-CHANEL 30V - 0.027 OHM - 6A SO-8 STRIPFET II POWER MOSFET N-CHANNEL 30V - 0.018 ohm - 7A SO-8 P-CHANNEL 30V - 0.070 ohm - 4A SO-8 STripFET POWER MOSFET
|
STMICROELECTRONICS[STMicroelectronics]
|
IRF3707 IRF3707L IRF3707S IRF3707PBF IRF3707STRL I |
30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=30V Rds(on)max=12.5mohm Id=62A) Power MOSFET(Vdss=30V, Rds(on)max=12.5mohm, Id=62A) Power MOSFET(Vdss=30V/ Rds(on)max=12.5mohm/ Id=62A)
|
IRF[International Rectifier]
|
NTMFS4122N |
30V,23A,Single N Channel,SO 8 Flat Lead Power MOSFET(30V,23A,N沟道功率MOSFET) 30V的,3A条,单个N频道平引脚功率MOSFET0V的,3A条,沟道功率MOSFET的) 30V,23A,Single N Channel,SO 8 Flat Lead Power MOSFET(30V,23A,N娌?????MOSFET)
|
ON Semiconductor
|
STB80NE03L-06 STB80NE03L-06-1 STB80NE03L-06T4 |
N-CHANNEL 30V - 0.005ohm - 80A D2PAK / I2PAK STripFET?/a> POWER MOSFET N-CHANNEL 30V - 0.005 OHM - 80A D2PAK/I2PAK STRIPFET POWER MOSFET N-CHANNEL 30V - 0.005 OHM - 80A D2PAK/I2PAK STRIPFET POWER MOSFET N-CHANNEL 30V - 0.005ohm - 80A D2PAK / I2PAK STripFET POWER MOSFET N-CHANNEL 30V - 0.005ohm - 80A D2PAK / I2PAK STripFET⑩ POWER MOSFET Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PC01; No. of Contacts:6; Connector Shell Size:10; Connecting Termination:Solder; Circular Shell Style:Cable Receptacle; Body Style:Straight
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
STP60NE03L-12 6077 |
N-CHANNEL Power MOSFET N - CHANNEL 30V - 0.009 ohm - 60A - T0-220 STripFET POWER MOSFET -通道30V 0.009欧姆-0A T0 220 STripFET功率MOSFET From old datasheet system N - CHANNEL 30V - 0.009 - 60A - T0-220 STripFET TM POWER MOSFET N - CHANNEL 30V - 0.009 Ohms - 60A - T0-220 STripFET POWER MOSFET
|
ST Microelectronics STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
SPB100N03S2L-03 SPP100N03S2L-03 SPI100N03S2L-03 |
100 A, 30 V, 0.0037 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-262AA OptiMOS Power-Transistor 的OptiMOS功率晶体 Low Voltage MOSFETs - OptiMOS Power MOSFET, 30V, D2PAK, RDSon = 2.7mOhm, 100 A, LL Low Voltage MOSFETs - OptiMOS Power MOSFET, 30V, TO-220, RDSon = 3mOhm, 100A, LL
|
INFINEON[Infineon Technologies AG]
|
FDD044AN03 FDD044AN03L FDU044AN03L |
VARISTOR STD 250VRMS 3225 SMD 35 A, 30 V, 0.0044 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-251AA 30V N-Channel PowerTrench? MOSFET 30V N-Channel PowerTrench MOSFET
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
STP3020 STP3020L 6475 |
N - CHANNEL 30V - 0.019W - 40A - TO-220 STripFET POWER MOSFET N - CHANNEL 30V - 0.019ohm - 40A - TO-220 STripFET POWER MOSFET From old datasheet system N - CHANNEL 30V - 0.019 - 40A - TO-220 STripFET TM POWER MOSFET N - CHANNEL 30V - 0.019ohm - 40A - TO-220 STripFET POWER MOSFET N - CHANNEL POWER MOSFET
|
SGS Thomson Microelectronics STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
FDD6632_04 FDD6632 FDD663204 FDD6632NL |
30V N-Channel Logic Level UltraFET Trench Power MOSFET 4 A, 30 V, 0.09 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-252 N-Channel Logic Level UltraFET? Trench Power MOSFET 30V, 9A, 70m?/a> N-Channel Logic Level UltraFET㈢ Trench Power MOSFET 30V, 9A, 70mз
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|