PART |
Description |
Maker |
IDT72413L45SO IDT72413L45SOB IDT72413L25D IDT72413 |
Current-Mode PWM Controller 14-SOIC 0 to 70 CMOS并行64 × 5位标志位的FIFO High-Performance Current-Mode PWM Controller 8-PDIP 0 to 70 CMOS PARALLEL 64 x 5-BIT FIFO WITH FLAGS
|
Integrated Device Technology, Inc. IDT[Integrated Device Technology]
|
UC3842ADM UC3842AM UC3844AD UC3844ADM UC3844AM UC3 |
CURRENT MODE PWM CONTROLLER 电流模式PWM控制 (UC384xA) CURRENT MODE PWM CONTROLLER From old datasheet system Current Mode PWMs
|
Fairchild Semiconductor, Corp. N.A. MICROSEMI[Microsemi Corporation]
|
5962-8687517XX 5962-8687520XX 5962-8687515XX 5962- |
Adjustable, PWM, Step-Down Regulator Improved MX7524 3.3V, Step-Down, Current-Mode PWM DC-DC Converters 12V/15V or Adjustable, High-Efficiency, Low-IQ, Step-Up DC-DC Converters Evaluation Kit for the MAX761 High-Efficiency, PWM, Step-Down Controller (External P-Channel Driver) 5V-Output, Step-Up, Current-Mode PWM DC-DC Converter Evaluation Kit for the MAX747 Digitally Adjustable LCD Bias Supply -12V, Inverting, PWM, Current-Mode DC-DC Converter Bidirectional Video Filters/Buffers for Composite and S-Video Portable Media Devices CCFL Backlight and LCD Negative Contrast Controller Evaluation Kit for the MAX752 3.3V/5V/Adjustable-Output, Step-Up DC-DC Converters x8双端口SRAM x8 Dual-Port SRAM x8双端口SRAM
|
Kingbright, Corp. Mini-Circuits
|
FAN76020611 FAN7602 |
Flyback & Forward PWM Controllers Green Current Mode PWM Controller
|
Fairchild Semiconductor
|
NCP1253ASN65T1G NCP1253BSN100T1G NCP1253BSN65T1G N |
Current-Mode PWM Controller for Off-line Power Supplies Current-Mode PWM Current-Mode PWM Power Supplies
|
ON Semiconductor
|
NCP1207-D NCP1207DR2G |
PWM Current-Mode Controller for Free Running Quasi-Resonant Operation PWM电流模式控制器上运行的免费准谐振操作 PWM Current-Mode Controller for Free Running Quasi-Resonant Operation 0.5 A SWITCHING CONTROLLER, PDSO8
|
ON Semiconductor
|
FAN6921ML FAN6921MLMY |
Integrated Critical Mode PFC/Quasi-Resonant Current Mode PWM Controller
|
Fairchild Semiconductor
|
AZ3842 AZ3842M AZ3843MM AZ3844 AZ3844MM AZ3842MM A |
CURRENT MODE PWM CONTROLLER
|
Advanced Analog Technology, Inc.
|
MC7773N6 |
Current Mode PWM Controller
|
Cystech Electonics
|
LD7580A LD7580AGN |
PWM Current Mode Controller
|
Leadtrend Technology
|