PART |
Description |
Maker |
2SC1740SLNTP/S 2SA933ASLNTP/RS 2SA933ALNT93/RS 2SC |
150 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 200 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 3000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 50 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 32 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 120 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR 50 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 5000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Lattice Semiconductor, Corp. MERITEK Electronics, Corp.
|
2SB1236ATV3 2SD1866TV6C 2SD1866TV3C 2SC4016TV2 2SD |
1500 mA, 160 V, PNP, Si, SMALL SIGNAL TRANSISTOR 2000 mA, 70 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 32 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
CDBU0340 |
Small Signal Schottky Diodes, V-RRM=40V, V-R=40V, I-O=350mA
|
Comchip Technology
|
CDBF0540 |
Small Signal Schottky Diodes, V-RRM=40V, V-R=40V, I-O=500mA - RevB131286 datasheet
|
Comchip Technology
|
BZX84C18ET1 BZX84C18ET3 BZX84C4V7ET1 BZX84C7V5ET3 |
Small Signal 5% 27V Small Signal 5% 10V Small Signal 5% 5.6V Small Signal 5% 6.2V Small Signal 5% 6.8V Small Signal 4.7V Small Signal 5% 5.1V Zener Voltage Regulators From old datasheet system
|
ONSEMI[ON Semiconductor]
|
MMBT4401-TP |
TRANSISTOR NPN GP 40V SOT23 600 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Micro Commercial Components, Corp.
|
BF337 BFR36 2N5785 2N6192 BC460 BFX34 BFS89 BFS95 |
Small Signal Transistors 200 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-39 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. N.A. CENTRAL[Central Semiconductor Corp]
|
DDTC114WE DDTC114WE-7 DDTC114YE DDTC114YE-7 DDTC12 |
SNAP LOCK CABLE MARKER - W 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 4-Indent D-Sub Crimper; For Use With:4-Indent Closed-Barrel D-Sub Contacts; Color:Red; Series:1440; Wire Size (AWG):20-12 RoHS Compliant: Yes npn型预偏置信号小的SOT - 523表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR npn型预偏置信号小的SOT - 523表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
|
Diodes, Inc. Diodes Inc. DIODES[Diodes Incorporated]
|
BSV12 BSW65 BSS44 BSW67 BSX64 BSV16 BFY50 BSX60 BS |
Small Signal Transistors 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Leaded Small Signal Transistor General Purpose
|
http:// Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp] Siemens Semiconductor Group Seme LAB
|
MPS6517 MPS3710 MPS6507 |
100 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PLASTIC PACKAGE-3 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92, 3 PIN Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-92
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
BC546 BC547 BC548 BC546B BC547C |
100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Silicon Planar Epitaxial Transistors 100 mA, 65 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92, 3 PIN 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Rectron Semiconductor RECTRON LTD
|
|