PART |
Description |
Maker |
MAX9920ASA/V |
-20V to 75V Input Range, Precision Uni-/Bidirectional, Current-Sense Amplifiers
|
Maxim Integrated Products
|
MAX1156-MAX1174 MAX1174ACUP MAX1174AEUP MAX1174BCU |
14-Bit 135ksps Single-Supply ADCs with Bipolar Analog Input Range 14-Bit / 135ksps / Single-Supply ADCs with Bipolar Analog Input Range "14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range" 1300/8000 Series Lucent STII Fiber Die 14-Bit, 135ksps, Single-Supply ADCs with Bipolar Analog Input Range 1-CH 14-BIT SUCCESSIVE APPROXIMATION ADC, PARALLEL ACCESS, PDSO20 14-Bit.135ksps.Single-Supply ADCs with Bipolar Analog Input Range
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
RNS0.6ZH-M6 RNS01EE RNS01EE-M6 RNS01EG-M6 RNS03ZE- |
RNS Series: 5-10W DC/DC Converters 18-72 & 38-75V Input 3.3V, 5.0V, 7.0V and 12V Outputs Outputs of 2.5V & 15V, available with trimming RNS Series: 5-10W DC/DC Converters 18-72 & 38-75V Input 3.3V/ 5.0V/ 7.0V and 12V Outputs Outputs of 2.5V & 15V/ available with trimming RNS Series: 5-10W DC/DC Converters 18-72 & 38-75V Input 3.3V, 5.0V, 7.0V and 12V Outputs Outputs of 2.5V & 15V, available with trimming 报考系列:5 - 10W的DC / DC转换18-72
|
POWER-ONE[Power-One]
|
ACDSW4148-G |
Small Signal Switching Diodes, V-RRM=75V, V-R=75V, P-D=400mW, I-F=150mA
|
Comchip Technology
|
X7BA-06E2AX S7BA-06E2AX V7BA-06E2AX |
NON-ISOLATED DC/DC CONVERTERS 4.5V-14V Input 0.75V-5.0V/6A Output
|
BEL[Bel Fuse Inc.]
|
MP1593 EV1593DN-00A |
4.75V to 28V Input, Up to 3A Output Step-Down DC/DC Converter
|
MPS[Monolithic Power Systems]
|
NCP2860DM300R2 |
VOLT REGULATOR|FIXED/ADJUSTABLE| 3/1.24 TO 5.75V|CMOS|TSSOP|8PIN|PLASTIC 电压调节器|固定/可调| 3/1.245.75V |的CMOS | TSSOP封装| 8引脚|塑料
|
ON Semiconductor
|
AEQ75Y48N-TI1 AEQ75Y48-3 |
Industry Standard ? Brick: 36V-75V Input / 1.8V @ 75A Output Current
|
Astec America, Inc
|
ALQ15XX48X |
Industry Standard ? Brick: 36V-75V Input / 60W Output Power
|
Astec America, Inc
|
ALQ4003 ALQ50 ALQ40 ALQ40F48 ALQ50G48 |
Industry Standard ? Brick: 36V-75V Input / 50A Output Current Industry Standard ? Brick: 36V-75V Input / 50A Output Current
|
Astec America, Inc
|
ALH80K48 ALH80M48 ALH80Y48 ALH80 AEH80 AEH80M48 AE |
Industry Standard ? Brick: 36V-75V Input / 80A Output Current Industry Standard ? Brick: 36V-75V Input / 80A Output Current
|
Astec America, Inc
|
1321156K |
LAMP P13.5S 4.75V 0.7A 灯P13.5S.75V 0.7A
|
Rubycon, Corp.
|