PART |
Description |
Maker |
ADP1111AR-5-REEL ADP1111AR-3.3-REEL ADP1111AR-12-R |
Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V Micropower Step-Up/Step-Down SW Regulator. Adjustable and Fixed 3.3 V 5 V 12 V(406.88 k) Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDIP8 Micropower Step Up/Down Switching Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V; Package: SOIC; No of Pins: 8; Temperature Range: Commercial 1.5 A SWITCHING REGULATOR, 88 kHz SWITCHING FREQ-MAX, PDSO8
|
http:// Analog Devices, Inc.
|
ISL6537CR ISL6537CR-T ISL6537CRZ ISL6537CRZ-T ISL6 |
500-mA Peak Step-Up, Step-Down, Inverting Switching Voltage Regulator 14-SOIC 0 to 70 ACPI Regulator/Controller for Dual Channel DDR Memory Systems
|
INTERSIL[Intersil Corporation]
|
AN1593 LM2575D2T-5R4 LM2575TV-ADJ LM2575D2T-005 LM |
LOW COST 1.0 A CURRENT SOURCE FOR BATTERY CHARGERS 1A, Adjustable Output Voltage, Step-Down Switching Regulator EASY SWITCHERE 1.0 A STEP-DOWN VOLTAGE REGULATOR
|
Motorola, Inc ON Semiconductor
|
MAX1970-MAX1972 MAX1970EEE MAX1971 MAX1971EEE MAX1 |
Dual, 180° Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO Fixed-Point Digital Signal Processor 532-FCBGA 0.75 A SWITCHING REGULATOR, 1600 kHz SWITCHING FREQ-MAX, PDSO16 Dual, 180Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO 双路80°异相.4MHz50mA、降压型调节器,带有POR和RSI/PFO Dual / 180 Out-of-Phase / 1.4MHz / 750mA Step- Down Regulator with POR and RSI/PFO Dual, 180??Out-of-Phase, 1.4MHz, 750mA Step- Down Regulator with POR and RSI/PFO
|
http:// Maxim Integrated Products, Inc.
|
ADP3000AR-5-REEL ADP3000AR-3.3-REEL ADP3000AR-12-R |
SWITCHING REGULATOR, 400 kHz SWITCHING FREQ-MAX, PDSO8 High Efficiency, Step-Up/Step-Down Switching Regulator
|
ANALOG DEVICES INC
|
BD8962MUV |
Low Noise Step-down High Efficiency Step-down Switching Regulator with Built-in Power MOSFET
|
Rohm
|
ADP1111 ADP1111AN ADP1111AN-12 ADP1111AN-33 ADP111 |
Micropower, Step-Up/Step-Down SW Regulator; Adjustable and Fixed 3.3 V, 5 V, 12 V
|
AD[Analog Devices]
|
MAX15021ATI MAX15021ATI/V |
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Tracking/Sequencing Capability
|
Maxim Integrated Produc...
|
EL7563CMZ EL7563CRE-T13 EL7563 EL7563CREZ-T7 EL756 |
Monolithic 4 Amp DC:DC Step-Down Regulator 5 A SWITCHING REGULATOR, 1000 kHz SWITCHING FREQ-MAX, PDSO28 Monolithic 4 Amp DC:DC Step-Down Regulator 5 A SWITCHING REGULATOR, 1000 kHz SWITCHING FREQ-MAX, PDSO20 VINYL HOLE GROMMET 9/16,1
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
GS-R424_2 GS-R4002 GS-R400V GS-R400V_2 GS-R400V2 G |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器 SMALL SIZE STEP-DOWN SWITCHING REGULATOR FAMILY SMALL SIZE STEP-DOWN SWITCHING REGULATOR FAMILY
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics SGS Thomson Microelectronics
|