PART |
Description |
Maker |
EN27LN2G08 |
2 Gigabit (256M x 8), 3.3 V NAND Flash Memory
|
Eon Silicon Solution In...
|
K9K2G08U0A |
256M x 8 Bit NAND Flash Memory
|
Samsung Electronic Samsung semiconductor
|
S29GL064A11TFIR20 S29GL064A11TFIR22 S29GL016A10FAI |
4M X 16 FLASH 3V PROM, 110 ns, PDSO56 LEAD FREE, MO-142EC, TSOP-56 64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology 1M X 16 FLASH 3V PROM, 100 ns, PBGA64 64 Megabit, 32 Megabit, and 16 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 200 nm MirrorBit Process Technology 4M X 16 FLASH 3V PROM, 100 ns, PDSO56 2M X 16 FLASH 3V PROM, 100 ns, PBGA56 4M X 16 FLASH 3V PROM, 90 ns, PBGA64 Flash - NOR IC; Memory Type:FLASH; Access Time, Tacc:90ns; Page/Burst Read Access:25ns; Sector Type:Uniform; Package/Case:48-TSOP; Memory Configuration:64K x 16; Memory Size:64MB; NOR Flash Type:Page Mode Access RoHS Compliant: Yes 4M X 16 FLASH 3V PROM, 90 ns, PDSO48 4M X 16 FLASH 3V PROM, 100 ns, PDSO48
|
Spansion, Inc. SPANSION LLC
|
W29GL256SH9C W29GL256SL9B W29GL256SL9C W29GL256SH9 |
256M-BIT 3.0-VOLT PARALLEL FLASH MEMORY WITH PAGE MODE
|
Winbond
|
M5M29KB_T331AVP M5M29KB M5M29KB/T331AVP M5M29KB331 |
Memory>NOR type Flash Memory CMOS 3.3V-ONLY, BLOCK ERASE FLASH MEMORY
|
Renesas Electronics Corporation.
|
LE25FU206 LE25FU206MA |
2M-bit Serial Flash Memory 256M X 8 FLASH 2.7V PROM, PDSO8
|
Sanyo Semicon Device
|
ULQ2436M 2436 |
COUNTDOWN POWER TIMER COUNTDOWNPOWERTIMER Flash - NOR IC; Memory Type:Flash; Access Time, Tacc:100ns; Page/Burst Read Access:25ns; Sector Type:Uniform; Package/Case:56-TSOP; Memory Configuration:128K x 16; Memory Size:256MB; NOR Flash Type:Page Mode Access RoHS Compliant: Yes Audio Sample Rate Converter IC; IC Function:Audio Sample Rate Converter IC; Package/Case:28-SOIC; Leaded Process Compatible:No; No. of Channels:2; Operating Temp. Max:85 C; Operating Temp. Min:-40 C RoHS Compliant: Yes 的CountDown电源定时
|
ALLEGRO[Allegro MicroSystems] AllegroMicroSystems Allegro MicroSystems, Inc.
|
W25Q257FVFIG W25Q257FVFIQ W25Q257FVEIF-TR |
3V 256M-BIT SERIAL FLASH MEMORY WITH DUAL/QUAD SPI & QPI
|
Winbond
|
K9K4G08U1M K9F2G16U0M K9F2G08U0M |
256M x 8 Bit / 128M x 16 Bit / 512M x 8 Bit NAND Flash Memory
|
Samsung Electronic SAMSUNG[Samsung semiconductor]
|
CAT28F010 CAT28F010TI-70T CAT28F010PI-70T CAT28F01 |
120ns 2M-bit CMOS flash memory 90ns 2M-bit CMOS flash memory 70ns 2M-bit CMOS flash memory 1 Megabit CMOS Flash Memory High Speed CMOS Logic 8-Stage Shift-and-Store Bus Register with 3-Stage Outputs 16-PDIP -55 to 125
|
http:// CATALYST[Catalyst Semiconductor]
|
UN222X UNR2222 UNR2223 UNR2224 UNR2221 |
Silicon NPN epitaxial planar type Flash Memory IC; Leaded Process Compatible:Yes; Memory Configuration:128K x 8; Memory Size:1Mbit; Package/Case:32-PLCC; Supply Voltage Max:5.5V Flash Memory IC; Access Time, Tacc:120ns; Package/Case:32-TSOP; Memory Configuration:128K x 8; Memory Size:1Mbit; Supply Voltage Max:5.5V; Mounting Flash Memory IC; Access Time, Tacc:45ns; Package/Case:32-TSOP; Memory Configuration:128K x 8; Memory Size:1Mbit; Supply Voltage Max:5.5V; Mounting POT THUMBWHEEL 10K OHM LINEAR
|
Panasonic Semiconductor Panasonic Corporation
|
LH28F400BG-TL85 LH28F400BG-L85 LH28F400BG LH28F400 |
4M-BIT (256 x 16) SmartVoltage Flash Memory 4M-BIT (256KB x16) SmartVoltage Flash MEMORY 4M-BIT(256KBx16) SmartVoltage Flash MEMORY 4M-BIT (256K x 16)Smart Voltage Flash Memory
|
SHARP[Sharp Electrionic Components]
|