PART |
Description |
Maker |
MC7912ACD2T MC7912ACD2TR4 MC7912ACT MC7912BD2T MC7 |
1.0 A Negative Voltage Regulators 1A, 5V, Negative Voltage Regulator 1A, 5.2V, Negative Voltage Regulator 1A, 18V, Negative Voltage Regulator 1A, 15V, Negative Voltage Regulator 1A, 8V, Negative Voltage Regulator 1A, 12V, Negative Voltage Regulator 1A, 24V, Negative Voltage Regulator
|
http:// ONSEMI[ON Semiconductor]
|
AN79M52F AN79M00 AN79M00F AN79M05 AN79M05F AN79M06 |
3-pin Negative Output Voltage Regulators 500mA Type 7 V FIXED NEGATIVE REGULATOR, PSFM3 3-pin Negative Output Voltage Regulators 500mA Type 8 V FIXED NEGATIVE REGULATOR, PSFM3 MOSFET; Transistor Polarity:P Channel; Drain Source Voltage, Vds:-55V; Continuous Drain Current, Id:60A; On-Resistance, Rds(on):0.0175ohm; Rds(on) Test Voltage, Vgs:-10V; Package/Case:5-D2-PAK; Leaded Process Compatible:No RoHS Compliant: No
|
Panasonic, Corp. Panasonic Corporation PANASONIC[Panasonic Semiconductor]
|
IP120H-05 IP7905H IP7905AH LM120H-05-BSS2 IP120H-0 |
5 VOLT NEGATIVE VOLTAGE REGULATOR Analog IC 5 V FIXED NEGATIVE REGULATOR, MBCY3
|
Seme LAB SEMELAB LTD
|
ML7908A ML7905A ML7905FA ML7906A ML7906FA ML7915A |
24 V FIXED NEGATIVE REGULATOR, PSFM3 3-TERMINAL NEGATIVE VOLTAGE REGULATOR
|
MICRO-ELECTRONICS[Micro Electronics]
|
OM7915SM OM7905SM OM7912SM |
SURFACE MOUNT NEGATIVE FIXED VOLTAGE REGULATOR Hi-Rel Fixed Voltage 3-Terminal Negative Regulator
|
List of Unclassifed Manufacturers ETC[ETC] International Rectifier
|
MC78905CT MC79XX MC78906CT MC78908CT MC78912CT MC7 |
Explosion-Proof Limit Switches Series CX: Standard Housing: Side Rotary, Lever not included FIXED VOLTAGE REGULATOR (NEGATIVE) 3-TERMINAL 1A NEGATIVE VOLTAGE REGULATORS 三端负电压调节器1A
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
42117-018 42117-015 42117-024 42117-030 42117 4211 |
NEGATIVE HIGH TEMPERATURE FIXED VOLTAGE REGULATOR 12 V FIXED NEGATIVE REGULATOR, MSFM3 ** MISC CRYSTALS **
|
Micropac Industries, Inc. MICROPAC[Micropac Industries]
|
OM1915NMM OM1905NMM OM1912NMM |
HERMETIC SURFACE MOUNT FIXED VOLTAGE NEGATIVE REGULATORS APPROVED TO DESC DRAWINGS Hi-Rel Fixed Voltage 3-Terminal Negative Regulator
|
List of Unclassifed Manufacturers Electronic Theatre Controls, Inc. ETC[ETC] International Rectifier
|