PART |
Description |
Maker |
NFM3DCC220U1H3 NFM3DCC102R1H3 NFM3DCC221R1H3 NFM3D |
Chip EMIFIL Capacitor Type
|
Murata Manufacturing Co., Ltd.
|
GMC21Z5U225G25NTLF GMC40Z5U225G25NT-LF GMC43Z5U225 |
CAPACITOR, CERAMIC, MULTILAYER, 25 V, Z5U, 2.2 uF, SURFACE MOUNT, 0805 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 25 V, Z5U, 2.2 uF, SURFACE MOUNT, 1808 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 25 V, Z5U, 2.2 uF, SURFACE MOUNT, 1812 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 25 V, Z5U, 2.2 uF, SURFACE MOUNT, 1210 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 25 V, Z5U, 2.2 uF, SURFACE MOUNT, 1206 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 25 V, Z5U, 2.2 uF, SURFACE MOUNT, 1825 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 50 V, Y5V, 1 uF, SURFACE MOUNT, 0805 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 6.3 V, Y5V, 0.22 uF, SURFACE MOUNT, 0201 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 6.3 V, Y5V, 1 uF, SURFACE MOUNT, 0201 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 6.3 V, X7R, 0.00001 uF, SURFACE MOUNT, 0201 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 6.3 V, X7R, 0.0001 uF, SURFACE MOUNT, 0201 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 50 V, Y5V, 0.33 uF, SURFACE MOUNT, 0805 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.0000018 uF, SURFACE MOUNT, 0805 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 25 V, C0G, 0.0000018 uF, SURFACE MOUNT, 0603 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 100 V, C0G, 0.0000068 uF, SURFACE MOUNT, 0805 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.0000018 uF, SURFACE MOUNT, 0402 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 200 V, C0G, 0.0000018 uF, SURFACE MOUNT, 0805 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 25 V, C0G, 0.0000068 uF, SURFACE MOUNT, 0603 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 25 V, C0G, 0.0000018 uF, SURFACE MOUNT, 0201 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 16 V, C0G, 0.0000018 uF, SURFACE MOUNT, 0805 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 100 V, C0G, 0.0000018 uF, SURFACE MOUNT, 0603 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 25 V, C0G, 0.0000068 uF, SURFACE MOUNT, 0201 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.0000068 uF, SURFACE MOUNT, 0402 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 25 V, C0G, 0.0000068 uF, SURFACE MOUNT, 0402 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.0000018 uF, SURFACE MOUNT, 0603 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 100 V, C0G, 0.0000018 uF, SURFACE MOUNT, 0805 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 25 V, C0G, 0.0000018 uF, SURFACE MOUNT, 0805 CHIP, LEAD FREE
|
Cal-Chip Electronics
|
DSS9NT31H223Q55B DST9NC52A271 DST9NC52A222 DSN9NC5 |
Leaded EMIFIL (Three-terminal Capacitor type) Standard Type Leaded EMIFILr (Three-terminal Capacitor type) Standard Type DSN9N/DST9N Series
|
Murata Manufacturing Co., Ltd. Murata Manufacturing Co., L... Murata Manufacturing Co...
|
2404-000-X7T0-102M |
Tubular Radial Lead Capacitor 1 FUNCTIONS, 500 V, FEED THROUGH CAPACITOR
|
TUSONIX, Inc.
|
MAX6607 MAX6607IXK-T MAX6607-MAX6608 MAX6608 MAX66 |
Solid Tantalum Capacitor; Capacitor Type:Solid; Voltage Rating:20VDC; Capacitor Dielectric Material:Tantalum; Capacitance:18uF; Capacitance Tolerance: 10%; Lead Pitch:3.17mm; Leaded Process Compatible:No RoHS Compliant: No 低电压、模拟温度传感器,SC70及SOT23封装 Solid Tantalum Capacitor; Capacitor Type:Solid; Voltage Rating:6VDC; Capacitor Dielectric Material:Tantalum; Capacitance:180uF; Capacitance Tolerance: 10%; Lead Pitch:6.35mm; Leaded Process Compatible:No RoHS Compliant: No Low-Voltage Analog Temperature Sensors in SC70 and SOT23 Packages
|
温度/湿度传感 Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
QYS1H222KTP QYP1H223JTP QYS1H334KTP QYP1H333KTP |
Polyester Film Radial Lead Capacitor; Capacitance: 2200uF; Voltage: 50V; Case Size: 5.5x5 mm; Packaging: Bulk CAPACITOR, FILM/FOIL, POLYESTER, 50 V, 0.0022 uF, THROUGH HOLE MOUNT Polyester Film Radial Lead Capacitor; Capacitance: 22000uF; Voltage: 50V; Packaging: Bulk CAPACITOR, FILM/FOIL, POLYESTER, 50 V, 0.022 uF, THROUGH HOLE MOUNT Polyester Film Radial Lead Capacitor; Capacitance: .33uF; Voltage: 50V; Case Size: 11x13 mm; Packaging: Bulk CAPACITOR, FILM/FOIL, POLYESTER, 50 V, 0.33 uF, THROUGH HOLE MOUNT Polyester Film Radial Lead Capacitor; Capacitance: 33uF; Voltage: 50V; Case Size: 7.5x6 mm; Packaging: Bulk CAPACITOR, FILM/FOIL, POLYESTER, 50 V, 0.033 uF, THROUGH HOLE MOUNT
|
Nichicon, Corp.
|
IMX7 110IMX7-03-9 110IMX7-05-05-9 110IMX7-05-9 110 |
7 Watt DC-DC Converters GT 3C 3#16S PIN PLUG Paper Capacitor; Voltage Rating:3000VDC; Capacitor Dielectric Material:Paper; Capacitance:1uF; Capacitance Tolerance: /- 10%; Lead Pitch:34.93mm; Leaded Process Compatible:No; Package/Case:C; Peak Reflow Compatible (260 C):No RoHS Compliant: No Paper Capacitor; Voltage Rating:3000VDC; Capacitor Dielectric Material:Paper; Capacitance:0.5uF; Capacitance Tolerance: /- 10%; Lead Pitch:20.64mm; Leaded Process Compatible:Yes; Package/Case:A; Series:T; Termination:Screw RoHS Compliant: Yes Paper Capacitor; Voltage Rating:3000VDC; Capacitor Dielectric Material:Paper; Capacitance:0.5uF; Capacitance Tolerance: /- 10%; Lead Pitch:20.64mm; Leaded Process Compatible:No; Package/Case:A; Peak Reflow Compatible (260 C):No RoHS Compliant: No CAPACITOR, TANTALUM, 10/20V 10%, 6032, SMD Paper Capacitor; Voltage Rating:5000VDC; Capacitor Dielectric Material:Paper; Capacitance:0.5uF; Capacitance Tolerance: /- 10%; Lead Pitch:34.93mm; Leaded Process Compatible:No; Package/Case:C; Peak Reflow Compatible (260 C):No RoHS Compliant: No AC/DC CAPACITANCE=0.25 VOLT=2000 RoHS Compliant: Yes Paper Capacitor; Voltage Rating:2000VDC; Capacitor Dielectric Material:Paper; Capacitance:5uF; Capacitance Tolerance: /- 10%; Lead Pitch:34.93mm; Leaded Process Compatible:Yes; Package/Case:D; Series:T; Termination:Screw RoHS Compliant: Yes CAPACITORS
|
http:// POWER-ONE[Power-One]
|
1210N121J500LT 1210B684K101CT 1210B684K500CG 1210B |
CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.00012 uF, SURFACE MOUNT, 1210 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 100 V, X7R, 0.68 uF, SURFACE MOUNT, 1210 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 50 V, X7R, 0.68 uF, SURFACE MOUNT, 1210 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 25 V, X7R, 0.68 uF, SURFACE MOUNT, 1210 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 10 V, X7R, 0.68 uF, SURFACE MOUNT, 1210 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 16 V, X7R, 0.68 uF, SURFACE MOUNT, 1210 CHIP, LEAD FREE
|
Walsin Technology, Corp.
|
PT2124 PT2124-C4 PT2124-C4-NNXI-C PT2124-C4-NNXI-F |
FAN CONTROLLER 风扇控制 Film Capacitor; Voltage Rating:1000VDC; Capacitor Dielectric Material:Polyester; Capacitance:0.056uF; Capacitance Tolerance: /- 10%; Lead Pitch:22.5mm; Leaded Process Compatible:Yes; Package/Case:M RoHS Compliant: Yes
|
Princeton Technology, Corp. Princeton Technology Corporation PTC[Princeton Technology Corp]
|
NEXC224Z5.5V10.5X8.5TRF NEXC474Z3.5V10.5X8.5TRF NE |
CAPACITOR, ELECTRIC DOUBLE LAYER, 5.5 V, 220000 uF, SURFACE MOUNT CHIP, LEAD FREE CAPACITOR, ELECTRIC DOUBLE LAYER, 3.5 V, 470000 uF, SURFACE MOUNT CHIP, LEAD FREE CAPACITOR, ELECTRIC DOUBLE LAYER, 5.5 V, 47000 uF, SURFACE MOUNT CHIP, LEAD FREE CAPACITOR, ELECTRIC DOUBLE LAYER, 3.5 V, 220000 uF, SURFACE MOUNT CHIP, LEAD FREE
|
NIC Components, Corp.
|
HI5714 HI5714_4CB HI5714_6CB HI5714_8CB HI5714EVAL |
INSULATOR FOR TO-18 INSUL/16 LEAD DIP .3IN .03IN DISCRETE COMPONENT AND CAPACITOR MOUNT, LEAD SPACE=.100(2.5) OVERALL HEIGHT=.045(1.1), MOLDED FROM 94V-2 NYLON PER ASTM D 4066 RoHS Compliant: Yes 8-Bit, 40/60/75/80 MSPS A/D Converter From old datasheet system
|
INTERSIL[Intersil Corporation]
|
0201N2R7B500LT 0201N270F500LT 0201N2R2C250LT 0201N |
CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.0000027 uF, SURFACE MOUNT, 0201 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.000027 uF, SURFACE MOUNT, 0201 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 25 V, C0G, 0.0000022 uF, SURFACE MOUNT, 0201 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.000022 uF, SURFACE MOUNT, 0201 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 50 V, C0G, 0.0000022 uF, SURFACE MOUNT, 0201 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 25 V, C0G, 0.0000027 uF, SURFACE MOUNT, 0201 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 25 V, C0G, 0.000022 uF, SURFACE MOUNT, 0201 CHIP, LEAD FREE CAPACITOR, CERAMIC, MULTILAYER, 25 V, C0G, 0.000027 uF, SURFACE MOUNT, 0201 CHIP, LEAD FREE
|
Walsin Technology, Corp.
|
|