PART |
Description |
Maker |
EC11.0021.001 EC11.0021.002 EC11.0001.201 EC11.000 |
IEC Appliance Inlet C20 with Line Switch, 1- or 2-pole Power Entry Module; IEC; Voltage Rating: 250V; Current Rating: 20A; Terminal Type: Quick Connect Tabs; Appliance inlet with line switch; 2-pole; single elements are already wired 16A/20A, 250VAC, MALE, MAINS POWER CONNECTOR, SOLDER, SOCKET
|
Schurter Inc. SCHURTER AG
|
MCC162-18IO1 MCC162-14IO1 MCD162-18IO1 MCD162-12IO |
Thyristor and Rectifiers Modules PC Board Connector; No. of Contacts:8; Pitch Spacing:3.96mm; No. of Rows:1; Mounting Type:PCB Thru-hole; Body Material:PA Polyamide (Nylon); Contact Thyristor Modules Thyristor/Diode Modules 300 A, 1400 V, SCR Thyristor Modules Thyristor/Diode Modules 晶闸管模块可控硅/二极管模 Thyristor Modules Thyristor/Diode Modules 300 A, 800 V, SCR Thyristor Modules Thyristor/Diode Modules 300 A, 1800 V, SCR
|
IXYS[IXYS Corporation] IXYS, Corp.
|
PKG2611PI PKG2625PI PKG2000 PKG2410PI PKG2623PI |
4660 W DC/DC Power Modules 24 V Input Series KPSE 10C 10#20 PIN PLUG 46?60 W DC/DC Power Modules 24 V Input Series 46-60 W DC/DC Power Modules 24 V Input Series
|
ERICSSON[Ericsson]
|
VBO130-12NO7 VBO130-08NO7 VBO130-16NO7 VBO130-14NO |
Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges
|
IXYS
|
VBO21-12NO7 VBO21-08NO7 VBO21-06NO7 |
Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges
|
IXYS Corporation
|
VUO85-16NO7 |
Power Modules/Rectifier Bridge Modules: Three Phase Diode Bridges
|
IXYS
|
VUO27-06NO7 VUO27-08NO7 VUO27-12NO7 |
Power Modules/Rectifier Bridge Modules: Three Phase Diode Bridges
|
IXYS
|
VBE26-06NO7 |
Power Modules/Rectifier Bridge Modules: Single Phase Diode Bridges with Fast Recovery Diodes
|
IXYS
|
PM10CNJ060 |
IPMS Modules: 600V INTELLIGENT POWER MODULES
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
FC150S6R5 FC050S6R59 FC150S6R59 FC050S6R5 |
POWER MODULES: DC-DC CONVERTERS; 18 TO 36 VDC INPUT, 6.5VDC OUTPUT; 50 W TO 150W Power Modules DC/DC Converters
|
ETC[ETC] Agere
|