PART |
Description |
Maker |
Z0405MF Z0405MF0AA2 Z0405MF1AA2 Z0405NF Z0405NF0AA |
4A TRIACS From old datasheet system Triacs, 4A, 700V, sensitivity 25mA Triacs, 4A, 600V, sensitivity 25mA
|
STMicroelectronics ST Microelectronics SGS Thomson Microelectronics
|
BT137B BT137B-600D BT137B-800E BT137B-800G BT137B- |
Triacs logic level Triacs sensitive gate
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
MOC3011 MOC3012 MOC3009 MOC3010 |
(MOC3009 - MOC3012) NON-ZERO-CROSSING TRIACS NON-ZERO-CROSSING TRIACS 1 CHANNEL TRIAC OUTPUT OPTOCOUPLER
|
QUALITY TECHNOLOGIES CORP QT[QT Optoelectronics]
|
BTA208-800 BTA208-800E BTA208-800B BTA208-800F BTA |
TRIAC|800V V(DRM)|8A I(T)RMS|TO-220AB Transient Voltage Suppressor Diodes THREE QUADRANT TRIACS HIGH COMMUTATION Three quadrant triacs guaranteed commutation
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
BT136M-500 BT136M-500F BT136M-500G BT136M-600 BT13 |
Triacs 双向可控 Octal Registered Transceivers with 3-State Outputs 24-SSOP/QSOP -40 to 85 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Triacs(双向可控 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Octal Registered Transceivers with 3-State Outputs 24-SSOP/QSOP -40 to 85 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 Triacs 500 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-252 DIODE ZENER DUAL COMMON-ANODE 300mW 8.2Vz 5mA-Izt 0.05 0.1uA-Ir 6 SOT-23 3K/REEL RECTIFIER SCHOTTKY SINGLE 0.5A 20V 5.5A-Ifsm 0.385Vf 0.25A-IR SOD-123 3K/REEL Octal Registered Transceivers with 3-State Outputs 24-SOIC -40 to 85 Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BT139 BT139-800E BT139-800G BT139-800H BT139-500 B |
Connector Adapter; Convert From:BNC Coaxial Plug; Convert To:Dual Binding Posts; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No RoHS Compliant: No Triacs sensitive gate Triacs high noise immunity TRIAC 16A/600V
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
MAC9D ON0394 MAC9N MAC9M MAC9-D |
Triacs Silicon Bidirectional Thyristors 8 AMPERES RMS 400 thru 800 From old datasheet system Triacs (Silicon Bidirectional Thyristors)
|
ONSEMI[ON Semiconductor]
|
Q4004LT Q6015LT Q6015LTH Q2010LT Q4015LT Q4015LTH |
Internally Triggered Triacs (4 A to 15 A) Power Driver IC; Driver Type:Sink; Source Output Current Max:600mA; Package/Case:22-DIP; Leaded Process Compatible:Yes; No. of Drivers:8; Output Current Max:600mA; Output Voltage Max:50V; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes Internally Triggered Triacs (4 A to 15 A) 内部触发双向 A5甲) Internally Triggered Triacs (4 A to 15 A) 内部触发双向 A15甲)
|
TECCOR[Teccor Electronics] Littelfuse, Inc. TE Connectivity, Ltd.
|
BTA216BSERIESC BTA216B-500C BTA216B-800C |
Three quadrant triacs high commutation Three quadrant triacs high commutation(三象限双向高换向可控 800 V, 16 A, SNUBBERLESS TRIAC, TO-263 Transient Voltage Suppressor Diodes
|
NXP Semiconductors N.V.
|
BTA208SSERIESB BTA208MSERIESB BTA208M-500B BTA208M |
Three quadrant triacs high commutation Three quadrant triacs high commutation 500 V, 8 A, SNUBBERLESS TRIAC, TO-252 Transient Voltage Suppressor Diodes
|
NXP Semiconductors N.V.
|